Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK672-401C-E Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części STK672-401C-E
Szczegółowy opis  2-phase Stepping Motor Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-401C-E Arkusz danych(HTML) 2 Page - ON Semiconductor

  STK672-401C-E Datasheet HTML 1Page - ON Semiconductor STK672-401C-E Datasheet HTML 2Page - ON Semiconductor STK672-401C-E Datasheet HTML 3Page - ON Semiconductor STK672-401C-E Datasheet HTML 4Page - ON Semiconductor STK672-401C-E Datasheet HTML 5Page - ON Semiconductor STK672-401C-E Datasheet HTML 6Page - ON Semiconductor STK672-401C-E Datasheet HTML 7Page - ON Semiconductor STK672-401C-E Datasheet HTML 8Page - ON Semiconductor STK672-401C-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
STK672-401C-E
No.A2137-2/19
Specifications
Absolute Maximum Ratings at Tc = 25
°C
Parameter
Symbol
Conditions
Ratings
unit
Maximum supply voltage 1
VCC max
No signal
52
V
Maximum supply voltage 2
VDD max
No signal
-0.3 to +7.0
V
Input voltage
VIN max
Logic input pins
-0.3 to +5.8
V
Output current
IOH max
VDD=5V, CLOCK≥200Hz
2.2
A
Allowable power dissipation
Pd max
With an arbitrarily large heat sink. Per MOSFET
7
W
Operating substrate temperature
Tc max
105
°C
Junction temperature
Tj max
150
°C
Storage temperature
Tstg
-40 to +125
°C
Allowable Operating Ranges at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
unit
Operating supply voltage 1
VCC
With signals applied
10 to 45
V
Operating supply voltage 2
VDD
With signals applied
5
±5%
V
Input high voltage
VIH
0 to 5.8
V
Output current
IOH
Tc=105
°C, CLOCK≥200Hz
2
A
Phase driver withstand voltage
VDSS
TR1, 2, 3, 4 ID=1mA (Tc=25°C)
100min
V
Electrical Characteristics at Tc=25
°C, VCC=24V, VDD=5.0V
Parameter
Symbol
Conditions
min
typ
max
unit
VDD supply current
ICCO
VDD=5.0V, ENABLE=Low Vref=2V
6
10
15
mA
Output average current
Ioave
R/L=3
Ω/3.8mH in each phase
0.51
0.59
0.66
A
FET diode forward voltage
Vdf
If=1A
1.2
1.6
V
Output saturation voltage
Vsat
RL=23Ω
0.5
0.7
V
VIH
Except for the Vref pin
2.5
V
Input voltage
VIL
Except for the Vref pin
0.6
V
Control
input pin
Input current
Iil
Except for the Vref pin
10
μA
Input voltage
VI
Pin 19
2
VDD
V
Vref pin
Input current
Ios
Pin 19, VDD input
12.5
μA
PWM frequency
fc
37.5
50
62.5
kHz
Current Distribution Ratio
2W1-2
W1-2
1-2
θ=7/8
100
2W1-2
W1-2
θ=6/8
93
2W1-2
θ=5/8
84
2W1-2
W1-2
1-2
θ=4/8
71
2W1-2
θ=3/8
55
2W1-2
W1-2
θ=2/8
40
2W1-2
θ=1/8
19
2
Vref
*1
100
%
Notes: A fixed-voltage power supply must be used.
The value of Item 1 is the design target and not measured.
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Podobny numer części - STK672-401C-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
STK672-401C-E SANYO-STK672-401C-E Datasheet
136Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results

Podobny opis - STK672-401C-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com