Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-0600 Arkusz danych(PDF) 9 Page - Agilent(Hewlett-Packard)

Numer części HCPL-0600
Szczegółowy opis  Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0600 Arkusz danych(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0600 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-0600 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-0600 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0600 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0600 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0600 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0600 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0600 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-0600 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Figure 15. Illustration of
Propagation Delay Skew – tPSK.
Figure 13. Input Threshold Current
vs. Temperature.
Figure 14. Recommended TTL/LSTTL to TTL/LSTTL Interface Circuit.
Figure 16. Parallel Data Transmission Example.
-60
0
TA – TEMPERATURE – °C
100
4
5
-20
2
20
60
-40
0
40
80
3
VCC = 5.0 V
VO = 0.6 V
1
RL = 4 kΩ
RL = 1 kΩ
RL = 350 Ω
6
VCC1
GND 1
470
SHIELD
* DIODE D1 (1N916 OR EQUIVALENT) IS NOT REQUIRED
FOR UNITS WITH OPEN COLLECTOR OUTPUT.
6
5
4
390
0.1 µF
BYPASS
GND 2
VCC 2
1
3
*D1
5 V
5 V
IF
VF
2
1
50%
1.5 V
IF
VO
50%
IF
VO
tPSK
1.5 V
DATA
tPSK
INPUTS
CLOCK
DATA
OUTPUTS
CLOCK
tPSK


Podobny numer części - HCPL-0600

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
HCPL-0600 FAIRCHILD-HCPL-0600 Datasheet
616Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-0600 HP-HCPL-0600 Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600 HP-HCPL-0600 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
HCPL-0600 HP-HCPL-0600 Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
Fairchild Semiconductor
HCPL-0600 FAIRCHILD-HCPL-0600 Datasheet
224Kb / 13P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
More results

Podobny opis - HCPL-0600

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M611-500E AVAGO-HCPL-M611-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M600 AVAGO-HCPL-M600 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-000E AVAGO-HCPL-M601-000E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-500E AVAGO-HCPL-M601-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M600500 AVAGO-HCPL-M600500 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
ACPL-M60L BOARDCOM-ACPL-M60L Datasheet
762Kb / 14P
   Small Outline, 5 Leads, High CMR, High-Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M60L-000E AVAGO-ACPL-M60L-000E Datasheet
237Kb / 11P
   Small Outline, 5 Leads, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M453-000E AVAGO-HCPL-M453-000E Datasheet
152Kb / 9P
   Small Outline, 5 Lead, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-M452 HP-HCPL-M452 Datasheet
89Kb / 8P
   Small Outline, 5 Lead, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com