Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM19 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części LM19
Szczegółowy opis  LM19 2.4V, 10關A, TO-92 Temperature Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM19 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button LM19_15 Datasheet HTML 3Page - Texas Instruments LM19_15 Datasheet HTML 4Page - Texas Instruments LM19_15 Datasheet HTML 5Page - Texas Instruments LM19_15 Datasheet HTML 6Page - Texas Instruments LM19_15 Datasheet HTML 7Page - Texas Instruments LM19_15 Datasheet HTML 8Page - Texas Instruments LM19_15 Datasheet HTML 9Page - Texas Instruments LM19_15 Datasheet HTML 10Page - Texas Instruments LM19_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LM19
www.ti.com
SNIS122E – MAY 2001 – REVISED MARCH 2013
Capacitive Loads
The LM19 handles capacitive loading well. Without any precautions, the LM19 can drive any capacitive load less
than 300 pF as shown in Figure 3. Over the specified temperature range the LM19 has a maximum output
impedance of 160
Ω. In an extremely noisy environment it may be necessary to add some filtering to minimize
noise pickup. It is recommended that 0.1
μF be added from V+ to GND to bypass the power supply voltage, as
shown in Figure 4. In a noisy environment it may even be necessary to add a capacitor from the output to ground
with a series resistor as shown in Figure 4. A 1
μF output capacitor with the 160 Ω maximum output impedance
and a 200
Ω series resistor will form a 442 Hz lowpass filter. Since the thermal time constant of the LM19 is
much slower, the overall response time of the LM19 will not be significantly affected.
Figure 3. LM19 No Decoupling Required for Capacitive Loads Less than 300 pF
Table 3. LM19 with Filter for Noisy Environment
and Capacitive Loading greater than 300 pF
R (
Ω)
C (µF)
200
1
470
0.1
680
0.01
1 k
0.001
Either placement of resistor as shown
above is just as effective.
Figure 4. LM19 with Filter for Noisy Environment
and Capacitive Loading greater than 300 pF
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM19


Podobny numer części - LM19_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power-One
LM1901-7R POWER-ONE-LM1901-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
LM1901-7R POWER-ONE-LM1901-7R Datasheet
66Kb / 4P
   50 Watt AC-DC Converters
LM1901-7R POWER-ONE-LM1901-7R Datasheet
83Kb / 4P
   50-Watt AC-DC Cassette Converters
logo
National Semiconductor ...
LM1921 NSC-LM1921 Datasheet
133Kb / 6P
   LM1921 1 Amp Industrial Switch
logo
Shenzhen TOPWAY Technol...
LM192160ACW TOPWAY-LM192160ACW Datasheet
984Kb / 15P
   LCD Module User Manual
More results

Podobny opis - LM19_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM19 TI1-LM19 Datasheet
283Kb / 13P
[Old version datasheet]   LM19 2.4V, 10關A, TO-92 Temperature Sensor
logo
National Semiconductor ...
LM19 NSC-LM19_10 Datasheet
272Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
LM19 NSC-LM19 Datasheet
173Kb / 8P
   2.4V, 10uA, TO-92 Temperature Sensor
LM20 NSC-LM20_05 Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LLSD103A-7 TI1-LLSD103A-7 Datasheet
1Mb / 18P
[Old version datasheet]   LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
logo
National Semiconductor ...
LM20 NSC-LM20 Datasheet
218Kb / 9P
   LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LMT89 TI-LMT89 Datasheet
920Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10 A, SC70, Temperature Sensor
LMT88 TI-LMT88 Datasheet
899Kb / 13P
[Old version datasheet]   LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
LMT89DCKT TI-LMT89DCKT Datasheet
898Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10UA, SC70, Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com