Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM235 Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części LM235
Szczegółowy opis  LMx35, LMx35A Precision Temperature Sensors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM235 Arkusz danych(HTML) 3 Page - Texas Instruments

  LM235 Datasheet HTML 1Page - Texas Instruments LM235 Datasheet HTML 2Page - Texas Instruments LM235 Datasheet HTML 3Page - Texas Instruments LM235 Datasheet HTML 4Page - Texas Instruments LM235 Datasheet HTML 5Page - Texas Instruments LM235 Datasheet HTML 6Page - Texas Instruments LM235 Datasheet HTML 7Page - Texas Instruments LM235 Datasheet HTML 8Page - Texas Instruments LM235 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LM135, LM135A, LM235, LM235A, LM335, LM335A
www.ti.com
SNIS160E – MAY 1999 – REVISED FEBRUARY 2015
5 Pin Configuration and Functions
TO-46 (NDV)
TO-92 (LP)
3 Pins
3 Pins
Bottom View
Bottom View
SOIC (D)
8 Pins
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
TO-46
TO-92
SO8
1
N.C.
2
No Connection
3
4
O
Negative output
ADJ
5
I
Calibration adjust pin
6
N.C.
No Connection
7
+
8
I
Positive input
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM135 LM135A LM235 LM235A LM335 LM335A


Podobny numer części - LM235

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
LM235 STMICROELECTRONICS-LM235 Datasheet
118Kb / 11P
   PRECISION TEMPERATURE SENSORS
LM235 STMICROELECTRONICS-LM235 Datasheet
574Kb / 16P
   Precision temperature sensors
logo
National Semiconductor ...
LM235 NSC-LM235 Datasheet
867Kb / 16P
   Precision Temperature Sensors
LM235A NSC-LM235A Datasheet
867Kb / 16P
   Precision Temperature Sensors
logo
STMicroelectronics
LM235AD STMICROELECTRONICS-LM235AD Datasheet
118Kb / 11P
   PRECISION TEMPERATURE SENSORS
More results

Podobny opis - LM235

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM135 NSC-LM135_08 Datasheet
867Kb / 16P
   Precision Temperature Sensors
logo
STMicroelectronics
LM135 STMICROELECTRONICS-LM135_08 Datasheet
574Kb / 16P
   Precision temperature sensors
LM135 STMICROELECTRONICS-LM135 Datasheet
118Kb / 11P
   PRECISION TEMPERATURE SENSORS
logo
National Semiconductor ...
LM135 NSC-LM135 Datasheet
291Kb / 14P
   Precision Temperature Sensors
LM34 NSC-LM34 Datasheet
248Kb / 12P
   Precision Fahrenheit Temperature Sensors
logo
Riedon Powertron
RTDW1N1001 RIEDON-RTDW1N1001 Datasheet
255Kb / 1P
   Precision Wirewound Temperature Sensors
201907_002
logo
National Semiconductor ...
LM34C NSC-LM34C Datasheet
242Kb / 10P
   Precision Fahrenheit Temperature Sensors
LM35A NSC-LM35A Datasheet
252Kb / 12P
   Precision Centigrade Temperature Sensors
logo
Tiger Electronic Co.,Lt...
LM35 TGS-LM35 Datasheet
451Kb / 10P
   Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM35 TI1-LM35_15 Datasheet
1Mb / 31P
[Old version datasheet]   Precision Centigrade Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com