Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM27222SD Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części LM27222SD
Szczegółowy opis  LM27222 High-Speed 4.5A Synchronous MOSFET Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM27222SD Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button LM27222SD Datasheet HTML 4Page - Texas Instruments LM27222SD Datasheet HTML 5Page - Texas Instruments LM27222SD Datasheet HTML 6Page - Texas Instruments LM27222SD Datasheet HTML 7Page - Texas Instruments LM27222SD Datasheet HTML 8Page - Texas Instruments LM27222SD Datasheet HTML 9Page - Texas Instruments LM27222SD Datasheet HTML 10Page - Texas Instruments LM27222SD Datasheet HTML 11Page - Texas Instruments LM27222SD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
GND
OUT1
CMP1
CMPREF
CMP2
VREF
VDD
U1
Q1
Q2
L1
R8
Q3
Q4
L2
R9
D1
C4
D2
C5
+
C6
+
C7
R5
R4
VCC5
VIN
U2
LM27222
U3
LM27222
C3
C2
R6
R7
SYNC1
SYNC2
OUT2
C1
R1
R2
R3
VCC
LEN
IN
GND
CB
HG
SW
LG
VCC
LEN
IN
GND
CB
HG
SW
LG
10:
0.1 PF
1.5:
1.5:
121:
121:
60.4:
60.4:
1 PF,
6.3V
1 PF,
6.3V
0.33 PF
**
0.6 PH
30A
1 m:
270 PF x 3
ESR = 9 m:
/cap
VOUT
VIN
*
0.6 PH
30A
*
**
0.33 PF
10 PF x 6
1 m:
LM27222
SNVS306B – SEPTEMBER 2004 – REVISED MARCH 2013
www.ti.com
TYPICAL APPLICATION CIRCUIT DESCRIPITON
The Application Example on the following page shows the LM27222 being used with the LM27212, a 2-phase
hysteretic current mode controller. Although this circuit is capable of operating from 5V to 28V, the components
are optimized for an input voltage range of 9V to 28V. The high-side FET is selected for low gate charge to
reduce switching losses. For low duty cycles, the average current through the high-side FET is relatively small
and thus we trade off higher conduction losses for lower switching losses. The low-side FET is selected solely on
RDS_ON to minimize conduction losses. If the input voltage range were 4V to 6V, the MOSFET selection should
be changed. First, much lower voltage FETs can be used, and secondly, high-side FET RDS_ON becomes a larger
loss factor than the switching losses. Of course with a lower input voltage, the input capacitor voltage rating can
be reduced and the inductor value can be reduced as well. For a 4V to 6V application, the inductor can be
reduced to 200nH to 300nH. The switching frequency of the LM27212 is determined by the allowed ripple current
in the inductor. This circuit is set for approximately 300kHz. At lower input voltages, higher frequencies are
possible without suffering a significant efficiency loss. Although the LM27222 can support operating frequencies
up to 2MHz in many applications, the LM27212 should be limited to about 1MHz. The control architecture of the
LM27212 and the low propagation times of the LM27222 potentially gives this solution the fastest transient
response in the industry.
Application Example
* Q1, Q3: 2 x Si7390DP
** Q2, Q4: 2 x Si7356DP
8
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM27222


Podobny numer części - LM27222SD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM27222SD NSC-LM27222SD Datasheet
601Kb / 11P
   High-Speed 4.5A Synchronous MOSFET Driver
LM27222SDX NSC-LM27222SDX Datasheet
601Kb / 11P
   High-Speed 4.5A Synchronous MOSFET Driver
More results

Podobny opis - LM27222SD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM27222 NSC-LM27222 Datasheet
601Kb / 11P
   High-Speed 4.5A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1218 SEMTECH-SC1218 Datasheet
395Kb / 12P
   High Speed Synchronous MOSFET Driver
logo
National Semiconductor ...
LM2722 NSC-LM2722 Datasheet
162Kb / 8P
   High Speed Synchronous/Asynchronous MOSFET Driver
LM2724A NSC-LM2724A Datasheet
135Kb / 8P
   High Speed 3A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
Semtech Corporation
SC1405 SEMTECH-SC1405 Datasheet
133Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
SC1211 SEMTECH-SC1211 Datasheet
270Kb / 11P
   High Speed, Combi-SenseTM Synchronous MOSFET Driver
SC1405B SEMTECH-SC1405B Datasheet
261Kb / 13P
   High Speed Synchronous Power MOSFET Smart Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com