Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMSF7N03HD Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MMSF7N03HD
Szczegółowy opis  N?묬hannel Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF7N03HD Arkusz danych(HTML) 2 Page - ON Semiconductor

  MMSF7N03HD Datasheet HTML 1Page - ON Semiconductor MMSF7N03HD Datasheet HTML 2Page - ON Semiconductor MMSF7N03HD Datasheet HTML 3Page - ON Semiconductor MMSF7N03HD Datasheet HTML 4Page - ON Semiconductor MMSF7N03HD Datasheet HTML 5Page - ON Semiconductor MMSF7N03HD Datasheet HTML 6Page - ON Semiconductor MMSF7N03HD Datasheet HTML 7Page - ON Semiconductor MMSF7N03HD Datasheet HTML 8Page - ON Semiconductor MMSF7N03HD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MMSF7N03HD
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 µAdc)
Temperature Coefficient (Positive)
V(BR)DSS
30
41
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 30 Vdc, VGS = 0 Vdc)
(VDS = 30 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
0.02
1.0
10
µAdc
Gate−Body Leakage Current (VGS = ± 20 Vdc, VDS = 0)
IGSS
100
nAdc
ON CHARACTERISTICS (Note 2.)
Gate Threshold Voltage
(VDS = VGS, ID = 250 µAdc)
Temperature Coefficient (Negative)
VGS(th)
1.0
1.5
4.0
2.0
Vdc
mV/
°C
Static Drain−Source On−Resistance
(VGS = 10 Vdc, ID = 7.0 Adc)
(VGS = 4.5 Vdc, ID = 3.5 Adc)
RDS(on)
0.023
0.029
0.028
0.040
Ohms
Forward Transconductance (VDS = 3 Vdc, ID = 2.5 Adc)
gFS
3.0
12
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
24 Vd
V
0Vd
Ciss
931
1190
pF
Output Capacitance
(VDS = 24 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
371
490
Transfer Capacitance
f = 1.0 MHz)
Crss
89
120
SWITCHING CHARACTERISTICS (Note 3.)
Turn−On Delay Time
td(on)
15
30
ns
Rise Time
(VDD = 10 Vdc, ID = 5.0 Adc,
VGS =45Vdc
tr
93
185
Turn−Off Delay Time
VGS = 4.5 Vdc,
RG = 9.1 Ω)
td(off)
35
70
Fall Time
RG
9.1
Ω)
tf
40
80
Turn−On Delay Time
td(on)
9.0
Rise Time
(VDD = 10 Vdc, ID = 5.0 Adc,
VGS =10Vdc
tr
53
Turn−Off Delay Time
VGS = 10 Vdc,
RG = 9.1 Ω)
td(off)
56
Fall Time
RG
9.1
Ω)
tf
39
Gate Charge
SFi
8
QT
30
43
nC
See Figure 8
(VDS = 16 Vdc, ID = 5.0 Adc,
Q1
3.0
(VDS
16 Vdc, ID
5.0 Adc,
VGS = 10 Vdc)
Q2
7.5
Q3
6.0
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage (Note 2.)
(IS = 7.0 Adc, VGS = 0 Vdc)
(IS = 7.0 Adc, VGS = 0 Vdc,
TJ = 125°C)
VSD
0.82
0.69
1.0
Vdc
Reverse Recovery Time
SFi
15
trr
32
ns
See Figure 15
(IS = 7.0 Adc, VGS = 0 Vdc,
ta
24
(IS
7.0 Adc, VGS
0 Vdc,
dIS/dt = 100 A/µs)
tb
8.0
Reverse Recovery Stored Charge
QRR
0.045
µC
2. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
3. Switching characteristics are independent of operating junction temperature.


Podobny numer części - MMSF7N03HD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MMSF7N03HD MOTOROLA-MMSF7N03HD Datasheet
296Kb / 10P
   SINGLE TMOS POWER MOSFET 8.0 AMPERES 30 VOLTS
More results

Podobny opis - MMSF7N03HD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MGSF3442VT1 ONSEMI-MGSF3442VT1 Datasheet
175Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTW24N40E ONSEMI-MTW24N40E Datasheet
173Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2000 ??Rev. XXX
MMDF5N02Z ONSEMI-MMDF5N02Z Datasheet
127Kb / 12P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTW16N40E ONSEMI-MTW16N40E Datasheet
123Kb / 8P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTSF3N02HD ONSEMI-MTSF3N02HD Datasheet
304Kb / 12P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 6
NTP15N40 ONSEMI-NTP15N40 Datasheet
148Kb / 4P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
MTB36N06V ONSEMI-MTB36N06V Datasheet
263Kb / 10P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
NTP22N06L ONSEMI-NTP22N06L Datasheet
200Kb / 7P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
logo
Dongguan Pingjingsemi T...
PJM1514NDJ PJSEMI-PJM1514NDJ Datasheet
892Kb / 5P
   N?묬hannel Power MOSFET
PJM1516NDJ PJSEMI-PJM1516NDJ Datasheet
984Kb / 5P
   N?묬hannel Power MOSFET
logo
ON Semiconductor
MMDF7N02Z ONSEMI-MMDF7N02Z Datasheet
256Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com