Zakładka z wyszukiwarką danych komponentów |
|
SM6611DAH Arkusz danych(PDF) 1 Page - Nippon Precision Circuits Inc |
|
SM6611DAH Arkusz danych(HTML) 1 Page - Nippon Precision Circuits Inc |
1 / 4 page SM6611 series NIPPON PRECISION CIRCUITS—1 NIPPON PRECISION CIRCUITS INC. Miniature High-Precision Temperature Switch IC OVERVIEW The SM6611 series are temperature switch ICs that change state (invert) when the chip temperature exceeds a preset temperature. The switches are designed with temperature hysteresis to prevent unstable output when the temperature is in the vicinity of the preset temperature. There are 6 output switching temperatures in the series, available in 2 output configurations, making the SM6611 series devices ideal for a wide range of applications. FEATURES I 2.4 to 12.0V operating supply voltage I −20 to 100°C operating temperature range I ±3 °C temperature accuracy I 45 to 95 °C output switch temperatures in 10°C steps I 10 °C temperature hysteresis I 30µA (typ) low current consumption I Output configuration • SM6611 ×AH open-drain active-LOW output • SM6611 ×BH CMOS active-HIGH output I 6-pin SOT23-6W package APPLICATIONS I Motherboard overheating protection I Battery-pack temperature protection PINOUT (Top view) PACKAGE DIMENSIONS (Unit: mm) ORDERING INFORMATION SM6611 ×AH series SM6611 ×BH series 1 T1 OUT T3 VSS 2 3 6 5 4 T2 VDD 2.9 ± 0.2 1.9 ± 0.2 0.95 0.95 0.12 M 0.40 − 0.05 + 0.1 0.1 0.125 − 0.05 + 0.1 Device Output switch temperature Output configuration SM6611AAH 45 °C Open-drain active- LOW output SM6611BAH 55 °C SM6611CAH 65 °C SM6611DAH 75 °C SM6611EAH 85 °C SM6611FAH 95 °C Device Output switch temperature Output configuration SM6611ABH 45 °C CMOS active-HIGH output SM6611BBH 55 °C SM6611CBH 65 °C SM6611DBH 75 °C SM6611EBH 85 °C SM6611FBH 95 °C |
Podobny numer części - SM6611DAH |
|
Podobny opis - SM6611DAH |