Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB3317-GB Arkusz danych(PDF) 1 Page - AUK corp

Numer części SB3317-GB
Szczegółowy opis  High Brightness LED Lamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AUK [AUK corp]
Strona internetowa  https:www.auk.co.kr
Logo AUK - AUK corp

SB3317-GB Arkusz danych(HTML) 1 Page - AUK corp

  SB3317-GB Datasheet HTML 1Page - AUK corp SB3317-GB Datasheet HTML 2Page - AUK corp SB3317-GB Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KLB-2002-001
1
SB3317-G / SB3317-G(B)
High Brightness LED Lamp
Features
• Colorless transparency lens type
• φ3mm(T-1) all plastic mold type
• Super luminosity
Outline Dimensions
unit : mm
S
Seem
miiccoon
nd
du
uccttoorr
STRAIGHT TYPE
STOPPER TYPE
PIN Connections
1.Anode
2.Cathode
23.0MIN
23.0MIN
1.0MIN
3.6±0.2
3.6±0.2
2.54 NOM
3.8±0.2
1 2
1.0MIN
3.8±0.2
2
1
2.54 NOM
5.3±0.2
5.3±0.2
3.0±0.2
0.4
0.4
2.9±0.2
5.2±0.5
2.9±0.2
3.0±0.2


Podobny numer części - SB3317-GB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
SB3317E-G AUK-SB3317E-G Datasheet
209Kb / 4P
   High Brightness LED Lamp
logo
KODENSHI_AUK CORP.
SB3317E-G KODENSHI-SB3317E-G Datasheet
314Kb / 5P
   LAMP LED
logo
AUK corp
SB3317E-GB AUK-SB3317E-GB Datasheet
209Kb / 4P
   High Brightness LED Lamp
logo
KODENSHI_AUK CORP.
SB3317E-GB KODENSHI-SB3317E-GB Datasheet
302Kb / 4P
   LAMP LED
logo
AUK corp
SB3317E-H AUK-SB3317E-H Datasheet
175Kb / 4P
   High Brightness LED Lamp
More results

Podobny opis - SB3317-GB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
SY3418-E AUK-SY3418-E Datasheet
151Kb / 4P
   High Brightness LED Lamp
logo
LUXPIA
LBH3030 LUXPIA-LBH3030 Datasheet
103Kb / 6P
   High Brightness LED Lamp
LWH3000 LUXPIA-LWH3000 Datasheet
228Kb / 7P
   High Brightness LED Lamp
LCH5020 LUXPIA-LCH5020 Datasheet
201Kb / 6P
   High Brightness LED Lamp
logo
AUK corp
SPG3317-H AUK-SPG3317-H Datasheet
190Kb / 4P
   High Brightness LED Lamp
SPG3317-I AUK-SPG3317-I Datasheet
188Kb / 4P
   High Brightness LED Lamp
SW3318G AUK-SW3318G Datasheet
323Kb / 5P
   High Brightness LED Lamp
SY3318-V AUK-SY3318-V Datasheet
166Kb / 3P
   High Brightness LED Lamp
SY5311-V AUK-SY5311-V Datasheet
201Kb / 3P
   High Brightness LED Lamp
SM5427-H AUK-SM5427-H Datasheet
213Kb / 3P
   High Brightness LED Lamp
SR5427-U AUK-SR5427-U Datasheet
220Kb / 3P
   High Brightness LED Lamp
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com