Zakładka z wyszukiwarką danych komponentów |
|
SM8222 Arkusz danych(PDF) 8 Page - Nippon Precision Circuits Inc |
|
SM8222 Arkusz danych(HTML) 8 Page - Nippon Precision Circuits Inc |
8 / 15 page SM8222A/B NIPPON PRECISION CIRCUITS—8 Input Stage Amplifier Characteristics s SM8222A VDD = 3.0 ± 0.3 V, GND = 0 V, fCLK = 3.579545 MHz, Ta = −20 to 85 °C s SM8222B VDD = 5.0 ± 0.5 V, GND = 0 V, fCLK = 3.579545 MHz, Ta = −20 to 85 °C Timing Characteristics FSK decoder s SM8222A VDD = 3.0 ± 0.3 V, GND = 0 V, fCLK = 3.579545 MHz, Ta = −20 to 85 °C s SM8222B VDD = 5.0 ± 0.5 V, GND = 0 V, fCLK = 3.579545 MHz, Ta = −20 to 85 °C P arameter Symbol Condition Rating Unit min typ m a x Input leakage current IIN ––1 µA Input resistance RIN – TBD – M Ω DC open loop voltage gain AVOL TBD – – dB Unity gain frequency fC TBD – – MHz Maximum load capacitance CL – – TBD pF Maximum load resistance RL 50 – – k Ω P arameter Symbol Condition Rating Unit min typ m a x Input leakage current IIN ––1 µA Input resistance RIN – TBD – M Ω DC open loop voltage gain AVOL TBD – – dB Unity gain frequency fC TBD – – MHz Maximum load capacitance CL – – TBD pF Maximum load resistance RL 50 – – k Ω P arameter Symbol Condition Rating Unit min typ m a x Power-down release to oscillator start time tDOSC –5– ms Carrier detect ON time tDAQ 2.5 – 10 ms Final data to carrier detect OFF time tDCH 3.75 – 11.25 ms P arameter Symbol Condition Rating Unit min typ m a x Power-down release to oscillator start time tDOSC –5– ms Carrier detect ON time tDAQ 2.5 – 10 ms Final data to carrier detect OFF time tDCH 3.75 – 11.25 ms |
Podobny numer części - SM8222 |
|
Podobny opis - SM8222 |