Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM8578 Arkusz danych(PDF) 10 Page - Nippon Precision Circuits Inc

Numer części SM8578
Szczegółowy opis  Real-time Clock IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NPC [Nippon Precision Circuits Inc]
Strona internetowa  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8578 Arkusz danych(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM8578 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8578 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8578 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8578 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8578 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8578 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8578 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8578 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8578 Datasheet HTML 13Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SM8578BV
NIPPON PRECISION CIRCUITS INC.—10
Control Register 2 (Register F)
This register controls the clock timing frequency divider.
I
TEST bit: NPC Test Bit
This bit should be set to “0” when power is applied and when writing to register F.
I
RESET bit
When this bit is set to “1”, the 2kHz to 1Hz frequency divider counters are reset and clock timing stops.
After “1” data is written, test mode is cancelled by writing “0” data or by setting the CE input LOW.
It is not affected by the state of any other bits.
I
HOLD bit
When this bit is set to “1”, the seconds digit increment operation is disabled.
However, if an increment operation occurs when this bit is “1” and the bit is subsequently set to “0” within 1
second, the automatic correction function forces a 1-second correction.
Therefore, it is recommended that the HOLD bit should be used for less than 1 second.
I
Functional operation table
The function of the RESET and HOLD bits is shown in the following table.
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
F
*
TEST
*
RESET
HOLD
*
*
*
Bit
Function
RESET
HOLD
Clock timing
Timer interrupt output
Alarm interrupt output
Arbitrary frequency
output
0
0
Operating
Operating
Operating
Operating
01
*1
*1. The automatic correction function operates if the HOLD bit is set for less than 1 second.
*2
*2. Normal operation for source clocks other than 1/60Hz (1 minute).
Stopped
Operating
1
0
Stopped
*3
*3. Normal operation for 4096Hz source clock only.
Stopped
*4
*4. Normal operation for 32768Hz source clock only.
1
1
Stopped
*3
Stopped
*4


Podobny numer części - SM8578

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM8578BV NPC-SM8578BV Datasheet
117Kb / 16P
   Real-time Clock IC
More results

Podobny opis - SM8578

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM8577B NPC-SM8577B Datasheet
78Kb / 10P
   Real-time Clock IC
SM8578BV NPC-SM8578BV Datasheet
117Kb / 16P
   Real-time Clock IC
logo
RICOH electronics devic...
RS5C313 RICOH-RS5C313 Datasheet
267Kb / 32P
   ULTRA-COMPACT REAL-TIME CLOCK IC
RS5C314 RICOH-RS5C314 Datasheet
59Kb / 4P
   ULTRA-COMPACT REAL-TIME CLOCK IC?
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com