Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS-300R8P Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części SS-300R8P
Szczegółowy opis  One of passive Back plane.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SS-300R8P Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  SS-300R8P Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-300R8P Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-300R8P Datasheet HTML 3Page - List of Unclassifed Manufacturers SS-300R8P Datasheet HTML 4Page - List of Unclassifed Manufacturers SS-300R8P Datasheet HTML 5Page - List of Unclassifed Manufacturers SS-300R8P Datasheet HTML 6Page - List of Unclassifed Manufacturers SS-300R8P Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SPEC SS-300R8P VA4 .doc
PAGE - 2 -
1. Introduction
The 300R8P Series products of Hot-Swap & Power Sharing redundant
Power supply provides increased reliability when integrated a variety of
Systems. The 300R8P series is ideally suited to telecommunications and
Industrial system, as well as a variety of other applications where system
Never shut down i. E. Zero down time.
SS-300R8P series redundant power supply, it consists of
* One of passive Back plane.
* One of exothermal enclosure.
* Two of compact size power modules with Hot-Pluggable connector
made by Germany.
* Screw package.
* Alarm reset bottom.
◎ Features
* PS/2 Size design.
* Hot-Swappable & Power Sharing capability.
2. Specification
2.1 AC Input Voltage: 100~240V, 47Hz ~ 63Hz. (Active PFC)
2.2 DC Output: 300W maximum
VOLTAGE
+5V
+12V
+3.3V
-12V
+5Vsb
MAX. LOAD
20A
22A
20A
0.8A
2A
MIN. LOAD
3A
2A
0.3A
0.1A
0.1A
REGULATION
± 5%
± 5%
± 5%
±10%
± 5%
RIPPLE(mV)
50
120
50
120
50
Note:
1. The combined total power from +5V and +3.3V shall not exceed 120W.
2. Noise Test – Noise bandwidth is from DC to 20 MHz.
3.Ripple frequencies greater than 1MHz shall be attenuated by the measurement
System.
4.Add 0.1uF/10uF capacitor at output connector terminals for ripple and noise
measurements.


Podobny numer części - SS-300R8P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SIRENZA MICRODEVICES
SS-30 SIRENZA-SS-30 Datasheet
387Kb / 1P
   SPST High Isolation, BNC Equipped Wideband Switch.5-500 MHz
logo
Bel Fuse Inc.
SS-30100-019 BEL-SS-30100-019 Datasheet
151Kb / 1P
   10 CONDUCTOR / 10 POSITION LINE CORD MODULE
SS-30400-017 BEL-SS-30400-017 Datasheet
167Kb / 1P
   FOUR CONDUCTOR / FOUR POSITION LINE CORD MODULE
SS-30800-061 BEL-SS-30800-061 Datasheet
168Kb / 1P
   8 CONDUCTOR / 8 POSITION LINE CORD MODULE
More results

Podobny opis - SS-300R8P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PHOENIX CONTACT
2864655 PHOENIX-2864655 Datasheet
254Kb / 8P
   One- and two-channel passive isolators
logo
CUI INC
AMT-06C-1-036-USB CUI-AMT-06C-1-036-USB Datasheet
84Kb / 1P
   Back of Connector Housing
logo
Motorola, Inc
SN54LS42 MOTOROLA-SN54LS42 Datasheet
77Kb / 3P
   ONE-OF-TEN DECODER
logo
List of Unclassifed Man...
SS-400R8P ETC2-SS-400R8P Datasheet
357Kb / 7P
   One of exothermal enclosure.
logo
MORNSUN Science& Techno...
HK5S03BL MORNSUN-HK5S03BL Datasheet
181Kb / 2P
   APPLICATION OF INTELLIGENT PASSIVE TRANSMITTER
logo
Delta Electronics, Inc.
AFB0412HA-AR00 DELTA-AFB0412HA-AR00 Datasheet
864Kb / 9P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0605MB DELTA-AFB0605MB Datasheet
1Mb / 8P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0624HHD-F00 DELTA-AFB0624HHD-F00 Datasheet
756Kb / 9P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0612H-EP DELTA-AFB0612H-EP Datasheet
2Mb / 7P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0624VHD-F00 DELTA-AFB0624VHD-F00 Datasheet
752Kb / 9P
   PLEASE SEND ONE COPY OF THIS SPECIFICAITON BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PREARRANGMENT.
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com