Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM9403BM Arkusz danych(PDF) 7 Page - Nippon Precision Circuits Inc

Numer części SM9403BM
Szczegółowy opis  DVDRAM Servo-amplifier LSI
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NPC [Nippon Precision Circuits Inc]
Strona internetowa  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM9403BM Arkusz danych(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM9403BM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM9403BM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM9403BM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM9403BM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM9403BM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM9403BM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM9403BM Datasheet HTML 9Page - Nippon Precision Circuits Inc SM9403BM Datasheet HTML 10Page - Nippon Precision Circuits Inc SM9403BM Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SM9403BM
NIPPON PRECISION CIRCUITS—7
DPD Error Signal Detector Characteristics (DPDA/DPDB/DPDC/DPDD
→ TRP)
VCC = 5V ± 5%, GND = 0V, Ta = 0 to 70°C
P arameter1
1. The tracking error signal TRE is positive with respect to VREF2 if the (DPDA + DPDC) signal phase difference is leading.
The detected phase difference is the difference between the point when one internal comparator output changes (from CMA and CMB both HIGH or
both LOW) until the second output changes before the first changes again. The phase difference is conver ted to a voltage and sampled for output.
Other signals are held constant in the output stage when a phase difference is detected.
Condition
Rating
Unit
min
typ
m a x
D P D A/DPDB/DPDC/DPDD input voltage
range
VREF2 reference
−0.55
+ 1
V
D P D A/DPDB/DPDC/DPDD input
impedance
1––
M
Signal gain relative accuracy
Gain relative to DPDA , DPDB, DPDC,
DPDD inputs
±0.17
d B
Equalizer gain
1MHz setting
DG2 =LOW
1.2
1.6
2.3
dB
DG2 = HIGH
1.8
2.2
2.9
5MHz setting
DG2 =LOW
5.5
6.1
6.6
DG2 = HIGH
6.1
6.7
7.2
Equalizer frequency response
P eak gain frequency (EQE = HIGH)
3.75
5.0
6.25
MHz
−3dB frequency (EQE = LOW)
1 1
2 2
3 3
Equalizer frequency response relative
accuracy
fpeak, (A + C) vs. (B + D)
±1.5
%
A C coupling time circuit
−3dB frequency
Time constant 1
DG2 = LOW
5 6
8 4
109
kHz
Time constant 2
DG2 = HIGH
17
24
32
A C coupling time constant relative
accuracy
−3dB frequency, (A + C) vs. (B + D)
±2
%
Delay control range
See table 4.
See table 4.
ns
Phase difference detector minimum time
DG1 = DG2 = LOW
2
ns
Phase difference detector maximum time
DG1 = DG2 = HIGH
1
µs
Phase difference detector minimu m
repeat time
Input pulse interval
1 2 0
ns
Phase difference to voltage conversion
coefficient
DG1 = DG2 = LOW
See table 5.
typ ± 20%
mV/ns
Phase difference to voltage conversion
coefficient change accuracy
See table 8.
±1
d B
Phase difference output offset voltage
VREF2 reference
±0.1
V
Phase difference output offset voltage
temperature drift
VREF2 reference
±570
µV/
°C
DEFECT signal response time
1
µ s
DPD enable response time
DPE flag
2
µs
Abnor mal waveform TRP droop
characteristic
V OUT = V REF2 ± 200mV, VREF2 reference
0.1
%/µs
TRP output voltage range
VREF2 reference
−1.25
0
+1.25
V
TRP output signal frequency response
−3dB frequency
5 0 0
k H z


Podobny numer części - SM9403BM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ANYSOLAR LTD.
SM940K09L ANYSOLAR-SM940K09L Datasheet
617Kb / 6P
    High Efficiency SolarMD.
Rev. July 2020
SM940K12L ANYSOLAR-SM940K12L Datasheet
693Kb / 6P
   High Efficiency SolarMD
Rev. July 2020
More results

Podobny opis - SM9403BM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM9103M NPC-SM9103M Datasheet
92Kb / 14P
   DVDRAM Head Amplifier LSI
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE_16 Datasheet
335Kb / 27P
   Digital Servo Processor LSI
August 2016 - Rev. 0
logo
Toshiba Semiconductor
TA2065F TOSHIBA-TA2065F Datasheet
447Kb / 11P
   DC FOCUS TRACKING SERVO LSI
TA2035F TOSHIBA-TA2035F Datasheet
3Mb / 5P
   CD FOCUS TRACKING SERVO LSI
TA8190F TOSHIBA-TA8190F Datasheet
804Kb / 20P
   DC FOCUS TRACHING SERVO LSI
TA2031F TOSHIBA-TA2031F Datasheet
461Kb / 11P
   CD FOCUS TRACKING SERVO LSI
logo
LSI Computer Systems
BU9532KS2 LSI-BU9532KS2 Datasheet
172Kb / 2P
   Signal processor LSI with pre-servo amplifier for CD players
logo
List of Unclassifed Man...
NE544 ETC1-NE544 Datasheet
300Kb / 6P
   SERVO AMPLIFIER
logo
Sanyo Semicon Device
LC7410 SANYO-LC7410 Datasheet
390Kb / 9P
   CMOS LSI VTR(B/VHS) SERVO CIRCUIT
logo
Panasonic Semiconductor
MN6168 PANASONIC-MN6168 Datasheet
224Kb / 7P
   Digital Servo LSI for Video Tape Recorders
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com