Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC-2U35 Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części TC-2U35
Szczegółowy opis  AC Input Voltage: 90 to 132 or 180 to 264 Auto selectable 50 to 60 Hz.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

TC-2U35 Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  TC-2U35 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-2U35 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-2U35 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-2U35 Datasheet HTML 4Page - List of Unclassifed Manufacturers TC-2U35 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
4. RELIABILITY
4.1 MTBF OF POWER SUPPLY ELECTRONIS
100,000 hours at full load and 25℃ ambient temperature
4.2 LIFE EXPECTANCY OF FAN
40,000 hours at 40℃
5. AGENCY APPROVALS
UL 1950 QQGQ2
UL 1950 QQGQ8
TUV Rheinland ( EN60950-1+A12; IEC:60950 )
6. EMI
FCC part 15, Subpart B, Class A
EN55022 CISPR22 Class A,
EN61000-3-3;1995
EN61000-4-2, -3, -4, -5, -6, -11
7. DIMENSION
L 200 x W 100 x H 70 mm


Podobny numer części - TC-2U35

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TC-2U40 ETC2-TC-2U40 Datasheet
165Kb / 5P
   AC Input Voltage: 90 to 132 or 180 to 264 Auto selectable 50 to 60 Hz.
More results

Podobny opis - TC-2U35

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TC-2U40 ETC2-TC-2U40 Datasheet
165Kb / 5P
   AC Input Voltage: 90 to 132 or 180 to 264 Auto selectable 50 to 60 Hz.
logo
Total Power Internation...
TPSBU-60 TOTAL-POWER-TPSBU-60 Datasheet
302Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPSBU-61 TOTAL-POWER-TPSBU-61 Datasheet
270Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPSBU-58 TOTAL-POWER-TPSBU-58 Datasheet
251Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
logo
ETAL Group
SMP21-L20-DC24V-20A ETAL-SMP21-L20-DC24V-20A Datasheet
425Kb / 6P
   Wide range voltage input from AC 90 to 264 V
logo
Total Power Internation...
TPIBU-41 TOTAL-POWER-TPIBU-41 Datasheet
354Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPSBU-31 TOTAL-POWER-TPSBU-31 Datasheet
288Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPSBU-41 TOTAL-POWER-TPSBU-41 Datasheet
261Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
logo
Bel Fuse Inc.
PEC1600-12-074XA BEL-PEC1600-12-074XA Datasheet
694Kb / 13P
   Input Voltage Range 90 ??264 VAC / 180 ??300 VDC
logo
List of Unclassifed Man...
TC-550PA ETC2-TC-550PA Datasheet
159Kb / 4P
   AC Input Voltage: 90~264V (Active PFC) Frequency: 47 to 63 Hz..
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com