Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC-550RVN2 Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części TC-550RVN2
Szczegółowy opis  550W550W for IPC-Computer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

TC-550RVN2 Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  TC-550RVN2 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 4Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 5Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 6Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 7Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC-550RVN2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
4.MECHANICAL..................................................................................................................11
4.1. Outside dimension...................................................................................................................................11
4.2. DC output cables....................................................................................................................................12
4.3. AC Input connector.................................................................................................................................15
4.4. Cooling…................................................................................................................................................15
5.ENVIRONMENTS.............................................................................................................14
5.1. Temperature…………………………………………………………………..……………………………..…...14
5.2.Humidity……………………………………………………………………………………………………………15
5.3. Altitude…………………………………………………………………………………………………..……..…15
5.4. Power line disturbance………………………………………………………………………………..…..….....15
5.4.1 Over voltage……………………………………………………………………………………....................15
5.4.2. Under voltage…………………………………………………………………………………………..…....15
5.4.3. Surviving surge and sag....................................................................................................................15
6. REGULATORY……………………………………………………………………………….…15
6.1. Safety standards……...………………………………………………………………………………………….15
6.1.1. Leakage current……………………………………………………………………………………………..15
6.1.2. Isolation resistance………………………………………………………………………………………….15
6.1.3.Dielectric Withstand Voltage………………………………………………………………………………..16
6.2. Electromagnetic compatibility…………………………………………………………………………….…….16
6.2.1. EMI/RFI standards……………………………………………………………………………………….….16
6.2.2. Line noise disturbance………...........................................................................................................16
6.2.3. AC line transients……..…………..…………………………………………………………………………16
7. Reliability………………………………………………………………………………………..16
7.1. Mean Time Between Failure(MTBF)……………………………………………………………………….….16


Podobny numer części - TC-550RVN2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TC-550PA ETC2-TC-550PA Datasheet
159Kb / 4P
   AC Input Voltage: 90~264V (Active PFC) Frequency: 47 to 63 Hz..
More results

Podobny opis - TC-550RVN2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tumbler Technologies + ...
TIPC550S TRUMPOWER-TIPC550S Datasheet
375Kb / 1P
   550W PS/2 ATX IPC Power Supply
logo
List of Unclassifed Man...
R2A-550D1V2 ETC2-R2A-550D1V2 Datasheet
336Kb / 12P
   550W550W 2/3U Redundant Power Supply.
M1C-550A1 ETC2-M1C-550A1 Datasheet
256Kb / 11P
   550W Power Supply for 1U Easy Swap
M1C-550C1 ETC2-M1C-550C1 Datasheet
252Kb / 11P
   550W Power Supply for 1U Easy Swap
M1D-550D1 ETC2-M1D-550D1 Datasheet
292Kb / 11P
   550W Power Supply for 1U Easy Swap
M1C-550B1 ETC2-M1C-550B1 Datasheet
254Kb / 11P
   550W Power Supply for 1U Easy Swap
EFRP-G2550 ETC2-EFRP-G2550 Datasheet
438Kb / 2P
   2U 550W Server Power Supply
EFRP-G55A ETC2-EFRP-G55A Datasheet
341Kb / 2P
   550W CRPS 1U Redundant Power Module
ATX0200 ETC2-ATX0200 Datasheet
268Kb / 11P
   specification describes the requirements of 300W,350W,400W,450W,500W, 550W,600W active P.F.C Switching Power Supply
logo
Schneider Electric
HMIYMINGPRS1 SCHNEIDER-HMIYMINGPRS1 Datasheet
82Kb / 1P
   Interface Cellular 3G module for iPC
Aug 11, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com