Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC-2000RHN4 Arkusz danych(PDF) 8 Page - List of Unclassifed Manufacturers

Numer części TC-2000RHN4
Szczegółowy opis  2000W Redundant Power Supply
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

TC-2000RHN4 Arkusz danych(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TC-2000RHN4 Datasheet HTML 4Page - List of Unclassifed Manufacturers TC-2000RHN4 Datasheet HTML 5Page - List of Unclassifed Manufacturers TC-2000RHN4 Datasheet HTML 6Page - List of Unclassifed Manufacturers TC-2000RHN4 Datasheet HTML 7Page - List of Unclassifed Manufacturers TC-2000RHN4 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC-2000RHN4 Datasheet HTML 9Page - List of Unclassifed Manufacturers TC-2000RHN4 Datasheet HTML 10Page - List of Unclassifed Manufacturers TC-2000RHN4 Datasheet HTML 11Page - List of Unclassifed Manufacturers TC-2000RHN4 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
3.6. PROTECTION
3.6.1. Over voltage protection
OUTPUT
Min
Max
+3.3V
3.75V
4.3V
+5V
5.7V
6.9V
+12V
13V
14.3V
3.6.2. Over power protection
OVER 110% ~ 150% of rated load Shut down latch off.
3.6.3. Short circuit protection
All output equipped with short circuit.(Shut down o/p voltage, re-power on to recover).
3.6.4. Over temperature protection
When power supply temperature over 115±5℃, power supply will shut down
As it cools down to 85±5℃, the power supply will re-start in auto-recovery.
3.7. Power system fault signal
When one of the power supply module in the system fails to provide output, the system
shall provide:
3.7.1. Audible buzzer
When the warning buzzer sounds, the user can reset the warning buzzer by
pressing the buzzer reset or use the reset switch of the system chassis. The reset
switch can be connected by wires lead provided from the power supply system
(please refer to Sec. 3.7.2./3.7.3.). Insert the power module which is removed for
testing earlier, the sound of the warning buzzer will disappear, the external warning
LED will turn Green again. The LED indicating the status of the power supply will
light again when testing another power supply by performing the similar
procedure.


Podobny numer części - TC-2000RHN4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TC-2000RVN4 ETC2-TC-2000RVN4 Datasheet
282Kb / 17P
   2000W Redundant Power Supply
More results

Podobny opis - TC-2000RHN4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TC-2000RVN4 ETC2-TC-2000RVN4 Datasheet
282Kb / 17P
   2000W Redundant Power Supply
logo
Mean Well Enterprises C...
RCP-2000 MEANWELL-RCP-2000 Datasheet
291Kb / 5P
   2000W Front End Power Supply
logo
Adlink Technology Inc.
CPCIS-ET1100 ADLINK-CPCIS-ET1100 Datasheet
211Kb / 2P
   Redundant Power Supply
logo
Mean Well Enterprises C...
RSP-2000_1112 MEANWELL-RSP-2000_1112 Datasheet
291Kb / 5P
   2000W Single Output Power Supply
RSP-2000 MEANWELL-RSP-2000 Datasheet
290Kb / 5P
   2000W Single Output Power Supply
logo
BOSER Technology Co., L...
ARI-6400F BOSER-ARI-6400F Datasheet
79Kb / 1P
   400W Redundant Power Supply
logo
List of Unclassifed Man...
TC-950RVN3 ETC2-TC-950RVN3 Datasheet
266Kb / 17P
   950W Redundant Power Supply
TC-400R2UH ETC2-TC-400R2UH Datasheet
299Kb / 8P
   1U Redundant Power Supply
TC-1350RVN3 ETC2-TC-1350RVN3 Datasheet
265Kb / 17P
   1350W Redundant Power Supply
TC-1700RVN4 ETC2-TC-1700RVN4 Datasheet
282Kb / 17P
   1700W Redundant Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com