Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC72720YVS Arkusz danych(PDF) 9 Page - ON Semiconductor

Numer części LC72720YVS
Szczegółowy opis  Signal-Processing System IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC72720YVS Arkusz danych(HTML) 9 Page - ON Semiconductor

Back Button LC72720YVS Datasheet HTML 5Page - ON Semiconductor LC72720YVS Datasheet HTML 6Page - ON Semiconductor LC72720YVS Datasheet HTML 7Page - ON Semiconductor LC72720YVS Datasheet HTML 8Page - ON Semiconductor LC72720YVS Datasheet HTML 9Page - ON Semiconductor LC72720YVS Datasheet HTML 10Page - ON Semiconductor LC72720YVS Datasheet HTML 11Page - ON Semiconductor LC72720YVS Datasheet HTML 12Page - ON Semiconductor LC72720YVS Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LC72720YVS
No. A2155-9/18
CCB Input data format
(1) Synchronization protection (forward protection) method setting (4bits) : FS0 to FS3
FS3 = 0 : If offset words in the correct order could not be detected continuously during the number of blocks
specified by FS0 to FS2, take that to be a lost synchronization sate.
FS3 = 1 : If blocks with uncorrectable errors were received consecutively during the number of blocks specified by
FS0 to FS2, take that to be a lost synchronization state.
F
S
0
F
S
1
F
S
2
Condition for detecting lost synchronization
0
0
0
If 3 consecutive blocks matching the FS3 condition are received.
1
0
0
If 4 consecutive blocks matching the FS3 condition are received.
0
1
0
If 5 consecutive blocks matching the FS3 condition are received.
1
1
0
If 6 consecutive blocks matching the FS3 condition are received.
0
0
1
If 8 consecutive blocks matching the FS3 condition are received.
1
0
1
If 10 consecutive blocks matching the FS3 condition are received.
0
1
1
If 12 consecutive blocks matching the FS3 condition are received.
1
1
1
If 16 consecutive blocks matching the FS3 condition are received.
Initial value : FS0 = 0, FS1 = 1, FS2 = 0, FS3 = 0
DI
B
0
0
B
1
1
B
2
0
B
3
1
A
0
0
A
1
1
A
2
1
A
3
0
[1] CCB address 6A
F
S
0
F
S
1
F
S
2
F
S
3
B
S
S
Y
R
O
W
E
E
C
0
E
C
1
E
C
2
E
C
3
E
C
4
C
T
0
(11) Circuit control
(5) Error correction method setting
(4) RAM write control
(3) Synchronization and RAM address reset
(2) Synchronization detection method setting
(1) Synchronization protection method setting
IN1 data, first bit
DI
B
0
1
B
1
1
B
2
0
B
3
1
A
0
0
A
1
1
A
2
1
A
3
0
[2] CCB address 6B
C
T
1
X
S
P
L
0
P
L
1
P
T
0
P
T
1
P
T
2
T
S
0
T
S
1
T
S
2
(10) Test mode settings
(9) Output pin settings
(8) RDS/RBDS selection
(7) Demodulation circuit phase control
(6) Crystal oscillator frequency selection
(11) Circuit control
IN2 data, first bit
R
M
T
S
3
Caution : The bits labeled with an asterisk must be set to 0.


Podobny numer części - LC72720YVS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC72720YVS SANYO-LC72720YVS Datasheet
166Kb / 18P
   Single-Chip RDS Signal-Processing System IC
More results

Podobny opis - LC72720YVS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC72720YV ONSEMI-LC72720YV Datasheet
176Kb / 18P
   Signal-Processing System IC
June, 2013
LC72722PM ONSEMI-LC72722PM Datasheet
171Kb / 18P
   Signal-Processing System IC
June, 2013
LC72722PMS ONSEMI-LC72722PMS Datasheet
171Kb / 18P
   Signal-Processing System IC
June, 2013
logo
Sanyo Semicon Device
LC72722PM SANYO-LC72722PM_12 Datasheet
174Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72722PMS SANYO-LC72722PMS Datasheet
167Kb / 18P
   Single-Chip RDS Signal-Processing System IC
72720YV SANYO-72720YV Datasheet
222Kb / 14P
   Single-Chip RDS Signal-Processing System IC
LC72720YV SANYO-LC72720YV Datasheet
173Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72720YVS SANYO-LC72720YVS Datasheet
166Kb / 18P
   Single-Chip RDS Signal-Processing System IC
logo
Hitachi Semiconductor
HA11235 HITACHI-HA11235 Datasheet
264Kb / 9P
   Synchronous Signal Processing System
logo
Panasonic Semiconductor
AN5767K PANASONIC-AN5767K Datasheet
60Kb / 6P
   Synchronizing signal processing IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com