Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC72722PMS Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części LC72722PMS
Szczegółowy opis  Signal-Processing System IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC72722PMS Arkusz danych(HTML) 1 Page - ON Semiconductor

  LC72722PMS Datasheet HTML 1Page - ON Semiconductor LC72722PMS Datasheet HTML 2Page - ON Semiconductor LC72722PMS Datasheet HTML 3Page - ON Semiconductor LC72722PMS Datasheet HTML 4Page - ON Semiconductor LC72722PMS Datasheet HTML 5Page - ON Semiconductor LC72722PMS Datasheet HTML 6Page - ON Semiconductor LC72722PMS Datasheet HTML 7Page - ON Semiconductor LC72722PMS Datasheet HTML 8Page - ON Semiconductor LC72722PMS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
N1412HK B8-4452 No. A2156-1/18
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
June, 2013
LC72722PMS
Overview
The LC72722PMS is a single-chip system IC that implement the signal processing required by the European
Broadcasting Union RDS (Radio Data System) standard and by the US NRSC (National Radio System Committee)
RBDS (Radio Broadcast Data System) standard. This IC include band-pass filter, demodulator, synchronization, and
error correction circuits as well as data buffer RAM on chip and perform effective error correction using a soft-decision
error correction technique.
Functions
• Band-pass filter : switched capacitor filter (SCF)
• Demodulator : RDS data clock regeneration and demodulated data reliability information
• Synchronization : Block synchronization detection
(with variable backward and forward protection conditions)
• Error correction : Soft-decision/hard-decision error correction
• Buffer RAM : Adequate for 24 blocks of data (about 500ms) and flag memory
• Data I/O : CCB interface (power on reset)
Features
• Error correction capability improved by soft-decision error correction
• The load on the control microprocessor can be reduced by storing decoded data in the on-chip data buffer RAM.
• Two synchronization detection circuits provide continuous and stable detection of the synchronization.
• Data can be read out starting with the backward-protection block data after a synchronization reset.
• Fully adjustment free
Specifications
• Operating power-supply voltage :
4.5 to 5.5V
• Operating temperature :
-40 to +85
°C
• Package :
MFP24(375mil)
Ordering number : ENA2156
CMOS IC
Single-Chip RDS
Signal-Processing System IC
CCB is ON Semiconductor® ’s original format. All addresses are managed
by ON Semiconductor® for this format.
CCB is a registered trademark of Semiconductor Components Industries, LLC.


Podobny numer części - LC72722PMS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC72722PMS SANYO-LC72722PMS Datasheet
167Kb / 18P
   Single-Chip RDS Signal-Processing System IC
More results

Podobny opis - LC72722PMS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC72720YV ONSEMI-LC72720YV Datasheet
176Kb / 18P
   Signal-Processing System IC
June, 2013
LC72720YVS ONSEMI-LC72720YVS Datasheet
171Kb / 18P
   Signal-Processing System IC
June, 2013
LC72722PM ONSEMI-LC72722PM Datasheet
171Kb / 18P
   Signal-Processing System IC
June, 2013
logo
Sanyo Semicon Device
LC72722PM SANYO-LC72722PM_12 Datasheet
174Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72722PMS SANYO-LC72722PMS Datasheet
167Kb / 18P
   Single-Chip RDS Signal-Processing System IC
72720YV SANYO-72720YV Datasheet
222Kb / 14P
   Single-Chip RDS Signal-Processing System IC
LC72720YV SANYO-LC72720YV Datasheet
173Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72720YVS SANYO-LC72720YVS Datasheet
166Kb / 18P
   Single-Chip RDS Signal-Processing System IC
logo
Hitachi Semiconductor
HA11235 HITACHI-HA11235 Datasheet
264Kb / 9P
   Synchronous Signal Processing System
logo
Panasonic Semiconductor
AN5767K PANASONIC-AN5767K Datasheet
60Kb / 6P
   Synchronizing signal processing IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com