Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK433-330N-E Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części STK433-330N-E
Szczegółowy opis  3ch class-AB Audio Power IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK433-330N-E Arkusz danych(HTML) 6 Page - ON Semiconductor

Back Button STK433-330N-E Datasheet HTML 2Page - ON Semiconductor STK433-330N-E Datasheet HTML 3Page - ON Semiconductor STK433-330N-E Datasheet HTML 4Page - ON Semiconductor STK433-330N-E Datasheet HTML 5Page - ON Semiconductor STK433-330N-E Datasheet HTML 6Page - ON Semiconductor STK433-330N-E Datasheet HTML 7Page - ON Semiconductor STK433-330N-E Datasheet HTML 8Page - ON Semiconductor STK433-330N-E Datasheet HTML 9Page - ON Semiconductor STK433-330N-E Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
STK433-330N-E
No.A2107-6/11
Recommended external components
STK433-040N-E/060N-E/130N-E/330N-E
Parts
Location
Recommended
value
Circuit purpose
Above
Recommended value
Below
Recommended value
R01, R23
100
/1W
Resistance for Ripple filter. (Fuse resistance is recommended.
Ripple filter is constituted with C03, C23.)
Short-through current
may decrease at
high frequency.
Short-through current
may increase at high
frequency.
R02, R03, R04
1k
Resistance for input filters.
-
-
R05, R06, R07
56k
Input impedance is determined.
Output neutral voltage(VN) shift.
(It is referred that R05=R08, R06=R09)
R08, R09, R10
56k
Voltage Gain (VG) is determined with R11, R12, R13
-
-
R11, R12, R13
1.8k
Voltage Gain (VG) is determined with R8, R9, R10
(As for VG, it is desirable to set up by R11, R12, R13)
It may oscillate.
(Vg < 30dB)
With especially no
problem
R14, R15, R16
4.7
Resistance for oscillation prevention.
-
-
R17, R18, R19
4.7
/1W
Resistance for oscillation prevention.
-
-
R20, R21, R22
0.22
/2W
(040N-E,060N-E)
0.22
/5W
(130N-E,330N-E)
This resistance is used as detection resistance of the protection
circuit application.
Decrease of
Maximum output
Power
It may cause thermal
runaway
R30
Note *5
Select Restriction resistance, for the impression voltage of ‘#17 (Stand-By) pin’ must not exceed the maximum
rating.
C01, C02
100
F/50V
Capacitor for oscillation prevention.
 Locate near the HIC as much as possible.
 Power supply impedance is lowered and stable operation of
the IC is carried out. (Electrolytic capacitor is recommended.)
-
-
C03, C23
100
F/50V
Decoupling capacitor
 The Ripple ingredient mixed in an input side Is removed from a
power supply line. (Ripple filter is constituted with R01, R23.)
The change in the Ripple ingredient mixed in
an input side from a power supply line
C04, C05, C06
2.2
F/50V
Input coupling capacitor.(for DC current prevention.)
-
C07, C08, C09
470pF
Input filter capacitor
 A high frequency noise is reduced with the filter constituted by
R02, R03, R04
-
C10, C11, C12
3pF
Capacitor for oscillation prevention.
It may oscillate.
C13, C14, C15
10
F/10V
Negative feedback capacitor.
The cutoff frequency of a low cycle changes.
(fL = 1/(2
  C13  R11))
The voltage gain (VG)
of low frequency is
extended. However,
the pop noise at the
time of a power
supply injection also
becomes large.
The voltage gain (VG)
of low frequency
decreases.
C16, C17, C18
0.1
F
Capacitor for oscillation prevention.
It may oscillate.
C19, C20, C21
100pF (040N-E)
56pF (060N-E)
N.C. (130N-E,
330N-E)
Capacitor for oscillation prevention.
It may oscillate.
L01, L02, L03
3
H
Coil for oscillation prevention.
With especially
no problem
It may oscillate.


Podobny numer części - STK433-330N-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
STK433-330N-E SANYO-STK433-330N-E Datasheet
279Kb / 11P
   3channel class-AB Audio Power IC 150W150W150W
More results

Podobny opis - STK433-330N-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC
logo
ON Semiconductor
STK404-070N-E ONSEMI-STK404-070N-E Datasheet
284Kb / 10P
   1ch class-AB Audio Power IC
April, 2013
STK404-140N-E ONSEMI-STK404-140N-E Datasheet
332Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
STK404-120N-E ONSEMI-STK404-120N-E Datasheet
331Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
STK433-040N-E ONSEMI-STK433-040N-E Datasheet
372Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
STK433-890N-E ONSEMI-STK433-890N-E Datasheet
459Kb / 12P
   4ch class-AB Audio Power IC
April, 2013
STK433-060N-E ONSEMI-STK433-060N-E Datasheet
372Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
STK433-840N-E ONSEMI-STK433-840N-E Datasheet
459Kb / 12P
   4ch class-AB Audio Power IC
April, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com