Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STD1862L Arkusz danych(PDF) 2 Page - AUK corp

Numer części STD1862L
Szczegółowy opis  NPN Silicon Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AUK [AUK corp]
Strona internetowa  https:www.auk.co.kr
Logo AUK - AUK corp

STD1862L Arkusz danych(HTML) 2 Page - AUK corp

  STD1862L Datasheet HTML 1Page - AUK corp STD1862L Datasheet HTML 2Page - AUK corp STD1862L Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KST-I007-000
2
STD1862L
Absolute maximum ratings
(Ta=25
°°°°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
30
V
Collector-Emitter voltage
VCEO
30
V
Emitter-Base voltage
VEBO
5
V
Collector current
IC
2
A
Collector dissipation
PC
1
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
Electrical Characteristics
(Ta=25
°°°°C)
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=100µA, IE=0
30
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=10mA, IB=0
30
-
-
V
Emitter-Base breakdown voltage
BVEBO
IE=1Ma, IC=0
5
-
-
V
Collector cut-off current
ICBO
VCB=30V, IE=0
-
-
100
nA
Emitter cut-off current
IEBO
VEB=5V, IC=0
-
-
100
nA
DC current gain
hFE*
VCE=2V, IC=500mA
100
-
320
-
Base-Emitter on voltage
VBE(on)
VCE=2V, IC=500mA
-
-
1
V
Collector-Emitter saturation voltage
VCE(sat)
IC=2A, IB=0.2A
-
-
0.8
V
Transition frequency
fT
VCB=5V, IC=50mA
-
170
-
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
48
-
pF
* : hFE rank / O : 100~200, Y : 160~320


Podobny numer części - STD1862L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KODENSHI_AUK CORP.
STD1862L KODENSHI-STD1862L Datasheet
199Kb / 4P
   NPN Silicon Transistor
More results

Podobny opis - STD1862L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com