Zakładka z wyszukiwarką danych komponentów |
|
STK433-060N-E Arkusz danych(PDF) 6 Page - ON Semiconductor |
|
STK433-060N-E Arkusz danych(HTML) 6 Page - ON Semiconductor |
6 / 11 page STK433-060N-E No.A2106-6/11 Recommended external components STK433-040N-E/060N-E/130N-E/330N-E Parts Location Recommended value Circuit purpose Above Recommended value Below Recommended value R01, R23 100 /1W Resistance for Ripple filter. (Fuse resistance is recommended. Ripple filter is constituted with C03, C23.) Short-through current may decrease at high frequency. Short-through current may increase at high frequency. R02, R03, R04 1k Resistance for input filters. - - R05, R06, R07 56k Input impedance is determined. Output neutral voltage(VN) shift. (It is referred that R05=R08, R06=R09) R08, R09, R10 56k Voltage Gain (VG) is determined with R11, R12, R13 - - R11, R12, R13 1.8k Voltage Gain (VG) is determined with R8, R9, R10 (As for VG, it is desirable to set up by R11, R12, R13) It may oscillate. (Vg < 30dB) With especially no problem R14, R15, R16 4.7 Resistance for oscillation prevention. - - R17, R18, R19 4.7 /1W Resistance for oscillation prevention. - - R20, R21, R22 0.22 /2W (040N-E,060N-E) 0.22 /5W (130N-E,330N-E) This resistance is used as detection resistance of the protection circuit application. Decrease of Maximum output Power It may cause thermal runaway R30 Note *5 Select Restriction resistance, for the impression voltage of ‘#17 (Stand-By) pin’ must not exceed the maximum rating. C01, C02 100 F/50V Capacitor for oscillation prevention. Locate near the HIC as much as possible. Power supply impedance is lowered and stable operation of the IC is carried out. (Electrolytic capacitor is recommended.) - - C03, C23 100 F/50V Decoupling capacitor The Ripple ingredient mixed in an input side Is removed from a power supply line. (Ripple filter is constituted with R01, R23.) The change in the Ripple ingredient mixed in an input side from a power supply line C04, C05, C06 2.2 F/50V Input coupling capacitor.(for DC current prevention.) - C07, C08, C09 470pF Input filter capacitor A high frequency noise is reduced with the filter constituted by R02, R03, R04 - C10, C11, C12 3pF Capacitor for oscillation prevention. It may oscillate. C13, C14, C15 10 F/10V Negative feedback capacitor. The cutoff frequency of a low cycle changes. (fL = 1/(2 C13 R11)) The voltage gain (VG) of low frequency is extended. However, the pop noise at the time of a power supply injection also becomes large. The voltage gain (VG) of low frequency decreases. C16, C17, C18 0.1 F Capacitor for oscillation prevention. It may oscillate. C19, C20, C21 100pF (040N-E) 56pF (060N-E) N.C. (130N-E, 330N-E) Capacitor for oscillation prevention. It may oscillate. L01, L02, L03 3 H Coil for oscillation prevention. With especially no problem It may oscillate. |
Podobny numer części - STK433-060N-E |
|
Podobny opis - STK433-060N-E |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |