Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM30EW-4803S-NZ Arkusz danych(PDF) 1 Page - AIMTEC

Numer części AM30EW-4803S-NZ
Szczegółowy opis  Continuous Short Circuit protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIMTEC [AIMTEC]
Strona internetowa  https://aimtec.com
Logo AIMTEC - AIMTEC

AM30EW-4803S-NZ Arkusz danych(HTML) 1 Page - AIMTEC

  AM30EW-4803S-NZ Datasheet HTML 1Page - AIMTEC AM30EW-4803S-NZ Datasheet HTML 2Page - AIMTEC AM30EW-4803S-NZ Datasheet HTML 3Page - AIMTEC AM30EW-4803S-NZ Datasheet HTML 4Page - AIMTEC AM30EW-4803S-NZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AM30EW-NZ
30 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R13
1 of 5
North America only
Picture coming soon
FEATURES:
• Efficiency up to 90%
On/Off Remote Control
• Ultra-wide 4:1 Input range
Over Voltage Protection
• No-
load consumption ≤0.14W
I/Output Isolation 1500VDC
• Operating Temperature: -40oC to +75oC
Over Current protection
• Input under voltage lockout
Continuous Short Circuit protection
Models
Single output
Model
Input
Voltage
(V)
Max Input
current
Full/No load
(mA)
Output
Voltage
(V)
Output
Current
max (A)
Isolation
(VDC)
Max
Capacitive
Load(uF)
Efficiency
(%)
AM30EW-2403S-NZ
9-36*
993/80
3.3
6
1500
10000
85
AM30EW-2405S-NZ
9-36*
1453/80
5
6
1500
10000
88
AM30EW-2409S-NZ
9-36*
1420/9
9
3.33
1500
4700
88
AM30EW-2412S-NZ
9-36*
1420/9
12
2.5
1500
2700
90
AM30EW-2415S-NZ
9-36*
1420/9
15
2
1500
1680
90
AM30EW-2424S-NZ
9-36*
1420/9
24
1.25
1500
680
90
AM30EW-4803S-NZ
18-75
485/23
3.3
6
1500
10000
87
AM30EW-4805S-NZ
18-75
726/25
5
6
1500
10000
88
AM30EW-4812S-NZ
18-75
718/8
12
2.5
1500
2700
89
AM30EW-4815S-NZ
18-75
718/8
15
2
1500
1680
89
AM30EW-4824S-NZ
18-75
718/8
24
1.25
1500
680
89
*At Input range 9-18VDC output power will be rated at 80%.
Add suffix “-K” for optional heat sink.
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
48
9-36
18-75
VDC
Filter
π(Pi) Network
Startup time
10
ms
Absolute Maximum Rating (1sec max)
24
48
-0.7-50
-0.7-100
VDC
On/Off control
ON – open or 3.5-12VDC ; OFF – short to –Vin or 0-1.2VDC,
Idle current: 5 - 8mA
Input under voltage lockout
24
48
5.5-6.5
14-15.5
VDC
Input reflected current
40
mA
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
60 sec, 1mA
1500
VDC
Resistance
500VDC Isolation
>1000
MOhm
Capacitance
I/O 100KHz/0.1V
2000
pF


Podobny numer części - AM30EW-4803S-NZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AM30EW-4803SZ AIMTEC-AM30EW-4803SZ Datasheet
464Kb / 6P
   30 Watt | DC-DC Converter
AM30EW-4803SZ AIMTEC-AM30EW-4803SZ Datasheet
367Kb / 7P
   30 Watt | DC-DC Converter
More results

Podobny opis - AM30EW-4803S-NZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
XP Power Limited
JCD0424S05 XPPOWER-JCD0424S05 Datasheet
105Kb / 2P
   Continuous Short Circuit Protection
logo
AIMTEC
AM30KW-I-Z AIMTEC-AM30KW-I-Z Datasheet
180Kb / 5P
   Continuous Short Circuit Protection
AME5-CJZ AIMTEC-AME5-CJZ Datasheet
191Kb / 5P
   Continuous Short circuit protection
AMEL10-MJZ AIMTEC-AMEL10-MJZ Datasheet
170Kb / 3P
   Continuous Short Circuit Protection
logo
MORNSUN Science& Techno...
F0505XT-W2R2 MORNSUN-F0505XT-W2R2 Datasheet
1Mb / 4P
   Continuous short-circuit protection
logo
AIMTEC
AM1LR-NZ AIMTEC-AM1LR-NZ Datasheet
141Kb / 3P
   Continuous short circuit protection
AMEOF1-JZ AIMTEC-AMEOF1-JZ Datasheet
157Kb / 3P
   Continuous short circuit protection
logo
Central Technologies
CTDD3220DF-D1R5K-3MW CT-CTDD3220DF-D1R5K-3MW Datasheet
277Kb / 2P
   Continuous Short Circuit Protection
logo
Recom International Pow...
REC30 RECOM-REC30 Datasheet
384Kb / 6P
   Continuous Short Circuit Protection
logo
AIMTEC
AM6C-NZ AIMTEC-AM6C-NZ Datasheet
237Kb / 3P
   Continuous Short Circuit Protection
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com