Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AMEPR60C-50120AZ Arkusz danych(PDF) 3 Page - AIMTEC

Numer części AMEPR60C-50120AZ
Szczegółowy opis  Over Temperature Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIMTEC [AIMTEC]
Strona internetowa  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR60C-50120AZ Arkusz danych(HTML) 3 Page - AIMTEC

  AMEPR60C-50120AZ Datasheet HTML 1Page - AIMTEC AMEPR60C-50120AZ Datasheet HTML 2Page - AIMTEC AMEPR60C-50120AZ Datasheet HTML 3Page - AIMTEC AMEPR60C-50120AZ Datasheet HTML 4Page - AIMTEC AMEPR60C-50120AZ Datasheet HTML 5Page - AIMTEC AMEPR60C-50120AZ Datasheet HTML 6Page - AIMTEC AMEPR60C-50120AZ Datasheet HTML 7Page - AIMTEC AMEPR60C-50120AZ Datasheet HTML 8Page - AIMTEC AMEPR60C-50120AZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Series AMEPR60C-AZ
up to 5A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.H
3 of 14
North America only
Dimensions
Wire connection:
Temperature Graph
Wire
Connection
Brown
AC L
Blue
AC N
Green
Ground
Red
+V output
Black
-V Output
Blue (Dimming)
+ Vs dimming
White (Dimming)
-Vs dimming


Podobny numer części - AMEPR60C-50120AZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AMEPR60C-50120AZ AIMTEC-AMEPR60C-50120AZ Datasheet
592Kb / 7P
   LED Driver / Converter
AMEPR60C-50120AZ AIMTEC-AMEPR60C-50120AZ Datasheet
645Kb / 13P
   AC-DC Constant Current or Constant
AMEPR60C-50120AZ AIMTEC-AMEPR60C-50120AZ Datasheet
1Mb / 13P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR60C-50120AZ AIMTEC-AMEPR60C-50120AZ_17 Datasheet
1Mb / 13P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
More results

Podobny opis - AMEPR60C-50120AZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
AAT1189 SKYWORKS-AAT1189 Datasheet
3Mb / 19P
   Over-Temperature Protection
AAT1401 SKYWORKS-AAT1401 Datasheet
2Mb / 19P
   Over Temperature Protection
logo
AIMTEC
AMEOR30C-AZ AIMTEC-AMEOR30C-AZ Datasheet
853Kb / 17P
   Over Temperature Protection
AMEOR60C-AZ AIMTEC-AMEOR60C-AZ Datasheet
670Kb / 14P
   Over Temperature Protection
AMEPR30C-AZ AIMTEC-AMEPR30C-AZ Datasheet
760Kb / 17P
   Over temperature protection
logo
PEAK electronics GmbH
PPM1.65-SIP-3R3ELF PEAK-PPM1.65-SIP-3R3ELF Datasheet
457Kb / 3P
   Over Temperature Protection
logo
AIMTEC
AMEOR30-AZ AIMTEC-AMEOR30-AZ Datasheet
762Kb / 15P
   Over Temperature Protection
logo
Bel Fuse Inc.
0RQB-C5U54H BEL-0RQB-C5U54H Datasheet
457Kb / 11P
   Output Over-Voltage Protection Over Temperature Protection
logo
Vishay Siliconix
PTCSC17 VISHAY-PTCSC17 Datasheet
90Kb / 4P
   Mini Chips for Over-Temperature Protection
Revision: 08-Dec-15
logo
KOA Speer Electronics, ...
PT722AT70CTE471 KOA-PT722AT70CTE471 Datasheet
513Kb / 2P
   ptc chip thermistor (for over-temperature protection)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com