Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC898240 Arkusz danych(PDF) 11 Page - ON Semiconductor

Numer części LC898240
Szczegółowy opis  Smooth Stepper Motor Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898240 Arkusz danych(HTML) 11 Page - ON Semiconductor

Back Button LC898240 Datasheet HTML 7Page - ON Semiconductor LC898240 Datasheet HTML 8Page - ON Semiconductor LC898240 Datasheet HTML 9Page - ON Semiconductor LC898240 Datasheet HTML 10Page - ON Semiconductor LC898240 Datasheet HTML 11Page - ON Semiconductor LC898240 Datasheet HTML 12Page - ON Semiconductor LC898240 Datasheet HTML 13Page - ON Semiconductor LC898240 Datasheet HTML 14Page - ON Semiconductor LC898240 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
LC898240
www.onsemi.com
11
WSEL
acceleration curve selection
(R/W)
Address
Default
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0002h
00h
-
-
-
-
WSEL_REG[3:0]
It is effective during the register control mode (AIFSEL = 1).
WSEL_REG[3:0] = 0h: the acceleration curve #0
WSEL_REG[3:0] = 1h: the acceleration curve #1
WSEL_REG[3:0] = 2h: the acceleration curve #2
WSEL_REG[3:0] = 3h: the acceleration curve #3
WSEL_REG[3:0] = 4h: the acceleration curve #4
WSEL_REG[3:0] = 5h: the acceleration curve #5
WSEL_REG[3:0] = 6h: the acceleration curve #6
WSEL_REG[3:0] = 7h: the acceleration curve #7
WSEL_REG[3:0] = 8h: the acceleration curve #8
WSEL_REG[3:0] = 9h - Fh: N.A.
INTP
interpolation setting between steps
(R/W)
Address
Default
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0003h
00h
-
-
-
-
-
-
INTP_REG[1:0]
It is effective during the register control mode (AIFSEL = 1).
INTP_REG[1:0] = 0h: not interpolation
INTP_REG[1:0] = 1h: interpolate 1 point between the steps based on E2PROM data
INTP_REG[1:0] = 2h: interpolate 3 point between the steps based on E2PROM data
INTP_REG[1:0] = 3h: interpolate 7 point between the steps based on E2PROM data
DSKIP
skip setting at deceleration
(R/W)
Address
Default
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0004h
00h
-
-
-
-
-
-
DSKIP[1:0]
The number of skip of the acceleration curve data for deceleration
DSKIP = 0: no skip
DSKIP = 1: 1 point skip
DSKIP = 2: 2 points skip
DSKIP = 3: 3 points skip
SETST
wait time for acceleration
R/W
Address
Default
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0005h
00h
SETST[7:0]
Waiting time for acceleration
����������������������������������������=��������������������������������������������������������������������������������[7:0]
Where,
����������������������������������������:waitingtime[s]
����������������������������������������:initialaccelerationpulsewidth[s]
SETED
wait time for stop
R/W
Address
Default
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0006h
00h
SETED[7:0]
Waiting time for stop
����������������������������������������=��������������������������������������������������������������������������������[7:0]
Where,
����������������������������������������:waitingtime[s]
����������������������������������������:initialaccelerationpulsewidth[s]
STMODEconstant speed period programming mode selection (R/W)
Address
Default
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0007h
00h
-
-
-
-
-
-
-
STMODE
STMODE = 0: continue rotation at the constant speed after the acceleration until START = 0
STMODE = 1: rotate at the constant speed after the acceleration for the number of steps which is set in the register
STCNT, followed by automatic deceleration and stop
START must be set 0 after the motor stops.


Podobny numer części - LC898240

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC898240 ONSEMI-LC898240 Datasheet
528Kb / 23P
   High Efficient Stepper Motor Controller
April 2016- Rev. P1
LC898240-2H ONSEMI-LC898240-2H Datasheet
528Kb / 23P
   High Efficient Stepper Motor Controller
April 2016- Rev. P1
LC898240-WH ONSEMI-LC898240-WH Datasheet
528Kb / 23P
   High Efficient Stepper Motor Controller
April 2016- Rev. P1
LC898240 ONSEMI-LC898240_16 Datasheet
528Kb / 23P
   High Efficient Stepper Motor Controller
April 2016- Rev. P1
More results

Podobny opis - LC898240

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ELM Electronics
ELM313 ELM-ELM313 Datasheet
32Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM311 ELM-ELM311 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM312 ELM-ELM312 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM310 ELM-ELM310 Datasheet
37Kb / 5P
   STEPPER MOTOR CONTROLLER
logo
LSI Computer Systems
LS8297 LSI-LS8297 Datasheet
216Kb / 8P
   STEPPER MOTOR CONTROLLER
LS7290 LSI-LS7290 Datasheet
430Kb / 9P
   STEPPER MOTOR CONTROLLER
LS8397 LSI-LS8397 Datasheet
229Kb / 8P
   STEPPER MOTOR CONTROLLER
logo
Texas Instruments
DRV8825 TI-DRV8825 Datasheet
634Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824 Datasheet
742Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8825 TI1-DRV8825_16 Datasheet
1Mb / 32P
[Old version datasheet]   Stepper Motor Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com