Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM321SN3T1G Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części LM321SN3T1G
Szczegółowy opis  Single Channel Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM321SN3T1G Arkusz danych(HTML) 2 Page - ON Semiconductor

  LM321SN3T1G Datasheet HTML 1Page - ON Semiconductor LM321SN3T1G Datasheet HTML 2Page - ON Semiconductor LM321SN3T1G Datasheet HTML 3Page - ON Semiconductor LM321SN3T1G Datasheet HTML 4Page - ON Semiconductor LM321SN3T1G Datasheet HTML 5Page - ON Semiconductor LM321SN3T1G Datasheet HTML 6Page - ON Semiconductor LM321SN3T1G Datasheet HTML 7Page - ON Semiconductor LM321SN3T1G Datasheet HTML 8Page - ON Semiconductor LM321SN3T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LM321
www.onsemi.com
2
Table 1. ABSOLUTE MAXIMUM RATINGS (Over operating free-air temperature, unless otherwise stated)
Parameter
Rating
Unit
Supply Voltage
36
V
INPUT AND OUTPUT PINS
Input Voltage
VEE – 0.3 to 32
V
Input Current
±10
mA
Output Short Circuit Duration (Note 1)
Continuous
TEMPERATURE
Operating Temperature
–40 to +125
°C
Storage Temperature
–65 to +150
°C
Junction Temperature
–65 to +150
°C
ESD RATINGS (Note 2)
Human Body Model (HBM)
200
V
Charged Device Model (CDM)
800
V
Machine Model (MM)
100
V
OTHER RATINGS
Latch-Up Current (Note 3)
100
mA
MSL
Level 1
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Short circuits can cause excessive heating and eventual destruction.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per JEDEC standard: JESD22−A114
ESD Machine Model tested per JEDEC standard: JESD22−A115
3. Latch-up Current tested per JEDEC standard: JESD78
Table 2. THERMAL INFORMATION (Note 4)
Parameter
Symbol
Package
Value
Unit
Junction to Ambient
qJA
TSOP−5/SOT23−5
235
°C/W
4. As mounted on an 80
× 80 × 1.5 mm FR4 PCB with 650 mm2 and 2 oz (0.034 mm) thick copper heat spreader. Following JEDEC
JESD/EIA 51.1, 51.2, 51.3 test guidelines.
Table 3. RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Range
Unit
Supply Voltage (VCC − VEE)
VS
3 to 32
V
Specified Operating Range
TA
−40 to 85
°C
Common Mode Input Voltage Range
VCM
VEE to VCC−1.7
V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.


Podobny numer części - LM321SN3T1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TECH PUBLIC Electronics...
LM321SN3T1G TECHPUBLIC-LM321SN3T1G Datasheet
1Mb / 6P
   LOW POWER SINGLE OPERATIONAL AMPLIFIER
2021.6.15
More results

Podobny opis - LM321SN3T1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
UTCM2100 UTC-UTCM2100 Datasheet
429Kb / 4P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F Datasheet
208Kb / 5P
   SINGLE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM101A-LM201A STMICROELECTRONICS-LM101A-LM201A Datasheet
165Kb / 11P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TC75S54F TOSHIBA-TC75S54F_07 Datasheet
231Kb / 11P
   Single Operational Amplifier
logo
Fairchild Semiconductor
LM741E FAIRCHILD-LM741E Datasheet
921Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F_07 Datasheet
251Kb / 6P
   Single Operational Amplifier
TA7540P TOSHIBA-TA7540P Datasheet
232Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA741 FAIRCHILD-KA741 Datasheet
116Kb / 12P
   Single Operational Amplifier
KA301A FAIRCHILD-KA301A Datasheet
57Kb / 6P
   Single Operational Amplifier
logo
Toshiba Semiconductor
TA75061P TOSHIBA-TA75061P Datasheet
255Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com