Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMSF7N03Z Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MMSF7N03Z
Szczegółowy opis  N?묬hannel SO?? Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF7N03Z Arkusz danych(HTML) 1 Page - ON Semiconductor

  MMSF7N03Z Datasheet HTML 1Page - ON Semiconductor MMSF7N03Z Datasheet HTML 2Page - ON Semiconductor MMSF7N03Z Datasheet HTML 3Page - ON Semiconductor MMSF7N03Z Datasheet HTML 4Page - ON Semiconductor MMSF7N03Z Datasheet HTML 5Page - ON Semiconductor MMSF7N03Z Datasheet HTML 6Page - ON Semiconductor MMSF7N03Z Datasheet HTML 7Page - ON Semiconductor MMSF7N03Z Datasheet HTML 8Page - ON Semiconductor MMSF7N03Z Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Publication Order Number:
MMSF7N03Z/D
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 2
1
MMSF7N03Z
Power MOSFET
7 Amps, 30 Volts
N−Channel SO−8
EZFETs
t are an advanced series of Power MOSFETs which contain
monolithic back−to−back zener diodes. These zener diodes provide
protection against ESD and unexpected transients. These miniature
surface mount MOSFETs feature ultra low RDS(on) and true logic level
performance. They are capable of withstanding high energy in the
avalanche and commutation modes and the drain−to−source diode has a
very low reverse recovery time. EZFET devices are designed for use in
low voltage, high speed switching applications where power efficiency is
important. Typical applications are dc−dc converters, and power
management in portable and battery powered products such as
computers, printers, cellular and cordless phones. They can also be used
for low voltage motor controls in mass storage products such as disk
drives and tape drives.
Zener Protected Gates Provide Electrostatic Discharge Protection
Ultra Low RDS(on) Provides Higher Efficiency and Extends Battery
Life
Designed to withstand 200V Machine Model and 2000V Human
Body Model
Logic Level Gate Drive − Can Be Driven by Logic ICs
Miniature SO−8 Surface Mount Package − Saves Board Space
Diode Is Characterized for Use In Bridge Circuits
Diode Exhibits High Speed, With Soft Recovery
IDSS Specified at Elevated Temperature
Mounting Information for SO−8 Package Provided
7 AMPERES
30 VOLTS
RDS(on) = 30 mW
Device
Package
Shipping
ORDERING INFORMATION
MMSF7N03ZR2
SO−8
2500 Tape & Reel
SO−8
CASE 751
STYLE 12
http://onsemi.com
N−Channel
LYWW
MARKING
DIAGRAM
D
S
G
7N03Z
7N03Z
= Device Code
L
= Location Code
Y
= Year
WW
= Work Week
Source
1
2
3
4
8
7
6
5
Top View
Source
Source
Gate
Drain
Drain
Drain
Drain
PIN ASSIGNMENT
1
8


Podobny numer części - MMSF7N03Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MMSF7N03Z MOTOROLA-MMSF7N03Z Datasheet
193Kb / 10P
   SINGLE TMOS POWER MOSFET 7.5 AMPERES 30 VOLTS
More results

Podobny opis - MMSF7N03Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MMDF3N06HD ONSEMI-MMDF3N06HD Datasheet
276Kb / 12P
   N?묬hannel SO??, Dual Power MOSFET
Sep, 2004 ??Rev. XXX
MMDF2P01HD ONSEMI-MMDF2P01HD Datasheet
260Kb / 12P
   P?묬hannel SO??, Dual Power MOSFET
Sep, 2004 ??Rev. XXX
NTMS4802N ONSEMI-NTMS4802N Datasheet
116Kb / 5P
   Power MOSFET 30 V, 18 A, N?묬hannel, SO??
December, 2008 ??Rev. 0
NTMS4873NF ONSEMI-NTMS4873NF Datasheet
120Kb / 6P
   Power MOSFET 30 V, 11.5 A, N?묬hannel, SO??
January, 2009 ??Rev. 1
NTMS4935N ONSEMI-NTMS4935N Datasheet
142Kb / 5P
   Power MOSFET 30 V, 16 A, N?묬hannel, SO??
September, 2009 ??Rev. 0
NTMS4801N ONSEMI-NTMS4801N Datasheet
140Kb / 5P
   Power MOSFET 30 V, 12 A, N?묬hannel, SO??
April, 2009 ??Rev. 2
NTMS4872N ONSEMI-NTMS4872N Datasheet
118Kb / 5P
   Power MOSFET 30 V, 10.2 A, N?묬hannel, SO??
January, 2009 ??Rev. 2
NTMS4939N ONSEMI-NTMS4939N Datasheet
141Kb / 5P
   Power MOSFET 30 V, 12.5 A, N?묬hannel, SO??
September, 2009 ??Rev. 0
NTMS4920N ONSEMI-NTMS4920N Datasheet
137Kb / 5P
   Power MOSFET 30 V, 17 A, N?묬hannel, SO??
September, 2009 ??Rev. 1
NTMS4107N ONSEMI-NTMS4107N Datasheet
61Kb / 6P
   Power MOSFET 30 V, 18 A, Single N?묬hannel, SO??
March, 2005 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com