Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB1927 Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części LB1927
Szczegółowy opis  3-phase Brushless Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1927 Arkusz danych(HTML) 6 Page - ON Semiconductor

Back Button LB1927 Datasheet HTML 2Page - ON Semiconductor LB1927 Datasheet HTML 3Page - ON Semiconductor LB1927 Datasheet HTML 4Page - ON Semiconductor LB1927 Datasheet HTML 5Page - ON Semiconductor LB1927 Datasheet HTML 6Page - ON Semiconductor LB1927 Datasheet HTML 7Page - ON Semiconductor LB1927 Datasheet HTML 8Page - ON Semiconductor LB1927 Datasheet HTML 9Page - ON Semiconductor LB1927 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LB1927
No.6197-6/11
Pin Description
Pin No.
Pin name
Pin function
Equivalent circuit
28
1
2
OUT1
OUT2
OUT3
Motor drive output pins.
Connect a Schottky diode between these outputs and VCC.
3
GND2
Output ground pin.
5
VM
Output block power supply and output current detection pin.
Connect a resistor (Rf) between this pin and VCC to detect the
output current as a voltage.
The output current is limited according to the equation IOUT =
VRF/Rf.
4
VCC
Power supply pin (except for output block).
6
VREG
Regulated power supply output pin (5V output).
Connect a capacitor (approx. 0.1
μF) between this pin and
ground to stabilize the output.
7
PWM
PWM frequency setting pin.
Connect a capacitor between this pin and ground.
C = 3900pF results in a frequency of about 18kHz.
8
CSD
Lock protection circuit operation time setting pin.
Connecting a capacitor of about 10
μF between this pin and
ground results in a protection circuit operation time of about
3.3 seconds.
9
10
XI
XO
Crystal oscillator pins.
Connect to quartz oscillator to generate the reference clock.
When an external clock (of several MHz) is used, the clock
signal should be input via a resistor of about 5.1k
Ω connected
in series with the XI pin. In this case, the XO pin must be left
open.
Continued on next page.


Podobny numer części - LB1927

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1927 SANYO-LB1927 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
More results

Podobny opis - LB1927

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
   3-Phase Brushless Motor Driver????
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
   3-Phase Brushless Motor Driver???
logo
ON Semiconductor
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
August, 2014
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
   3-phase Brushless Motor Driver
November 2014 - Rev. 1
logo
Sanyo Semicon Device
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
   3-Phase Brushless Motor Driver???
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
   3-Phase Brushless Motor Driver
LB1688 SANYO-LB1688 Datasheet
96Kb / 4P
   3-Phase Brushless Motor Driver????
LB1851M SANYO-LB1851M Datasheet
141Kb / 6P
   3-phase Brushless Motor Driver?
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
   3-Phase Brushless Motor Driver
logo
Renesas Technology Corp
M56733AFP RENESAS-M56733AFP Datasheet
186Kb / 7P
   3-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com