Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11876 Arkusz danych(PDF) 9 Page - ON Semiconductor

Numer części LB11876
Szczegółowy opis  Three-Phase Brushless Motor Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11876 Arkusz danych(HTML) 9 Page - ON Semiconductor

Back Button LB11876 Datasheet HTML 5Page - ON Semiconductor LB11876 Datasheet HTML 6Page - ON Semiconductor LB11876 Datasheet HTML 7Page - ON Semiconductor LB11876 Datasheet HTML 8Page - ON Semiconductor LB11876 Datasheet HTML 9Page - ON Semiconductor LB11876 Datasheet HTML 10Page - ON Semiconductor LB11876 Datasheet HTML 11Page - ON Semiconductor LB11876 Datasheet HTML 12Page - ON Semiconductor LB11876 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LB11876
No.8317-9/15
Continued from preceding page.
Pin No.
Pin
Description
Equivalent Circuit
13
PWM
Sets the PWM oscillator frequency.
Connect a capacitor between this pin and ground.
A 620pF capacitor sets the oscillator frequency to be
about 50kHz.
14
CLD
Phase lock signal mask time setting
A mask time of about 90ms can be set up by
connected a capacitor (about 0.1
μF) between this pin
and ground.Leave this pin open if there is no need to
mask the phase lock signal.
15
CSD
Constraint protection circuit operating time setting and
initialization pulse setting
A protection circuit operating time of about 1 seconds
can be set up by connecting a capacitor (about
0.068
μF) between this pin and ground. Connect both a
capacitor and a resistor (about 220k
Ω and 4700pF) in
parallel between this pin and ground if this protection
circuit is not used.
16
VREG
Stabilized power supply output (5V output)
Connect a capacitor between this pin and ground for
power supply stabilization.
(About 0.1
μF)
Continued on next page.
VREG
200
Ω
13
1k
Ω
VREG
300
Ω
14
VREG
300
Ω
15
Reset circuit
16
VREG


Podobny numer części - LB11876

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11876 SANYO-LB11876 Datasheet
173Kb / 15P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
More results

Podobny opis - LB11876

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com