Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11867RV Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części LB11867RV
Szczegółowy opis  Variable Speed Single-phase Full-wave Pre-driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11867RV Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button LB11867RV Datasheet HTML 3Page - ON Semiconductor LB11867RV Datasheet HTML 4Page - ON Semiconductor LB11867RV Datasheet HTML 5Page - ON Semiconductor LB11867RV Datasheet HTML 6Page - ON Semiconductor LB11867RV Datasheet HTML 7Page - ON Semiconductor LB11867RV Datasheet HTML 8Page - ON Semiconductor LB11867RV Datasheet HTML 9Page - ON Semiconductor LB11867RV Datasheet HTML 10Page - ON Semiconductor LB11867RV Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LB11867RV
www.onsemi.com
7
Application Circuit Example (12V)
*1. Power
GND wiring
SGND is connected to the control circuit power supply system.
*2. Power stabilization capacitor
For the power stabilization capacitor on the signal side, use the capacitance of 1μF or more.
Connect VCC and GND with a thick and shortest pattern.
*3. Power stabilization capacitor on the power side
For the power stabilization capacitor on the power side, use the capacitance of 1μF or more.
Connect the power supply on the power side and GND with a thick and shortest pattern.
*4. IN+, IN- pins
Hall signal input pin.
Wiring should be short to prevent carrying of noise.
If noise is carried, insert the capacitor between IN+ and IN- pins.
The Hall input circuit functions as a comparator with hysteresis (15mV).
This also has a soft switch section with
30mV (input signal differential voltage).
It is also recommended that the Hall input level is minimum 100mV(p-p).
*5. CPWM pin
Pin to connect the capacitor for generation of the PWM basic frequency
The use of CP = 220pF causes oscillation at f = 30kHz, which is the basic frequency of PWM.
As this is used also for the current limiting canceling signal, be sure to connect the capacitor even when the speed
control is not made.
RF
4
3
2
1
*3
*2
VCC
5VREG
RD
IN-
IN+
H
S-S
RMI
*4
*11
*6
VTH
PWM-IN
CPWM
CT
CP=220pF
30kHz
*7
*5
*10
SGND
*9
SENSE *8
2
1
4
3
*1


Podobny numer części - LB11867RV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV Datasheet
440Kb / 9P
   Variable Speed Single-phase Full-wave Pre-driver
LB11867RV SANYO-LB11867RV Datasheet
370Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
logo
ON Semiconductor
LB11867RV ONSEMI-LB11867RV Datasheet
273Kb / 12P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 2
LB11867RV-MPB-H ONSEMI-LB11867RV-MPB-H Datasheet
273Kb / 12P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 2
LB11867RV-TLM-E ONSEMI-LB11867RV-TLM-E Datasheet
273Kb / 12P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 2
More results

Podobny opis - LB11867RV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LB11867FV ONSEMI-LB11867FV Datasheet
196Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
June 2015 - Rev. 1
LB11868V ONSEMI-LB11868V Datasheet
195Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
May, 2013
logo
Unisonic Technologies
F2867 UTC-F2867 Datasheet
196Kb / 6P
   VARIABLE SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV Datasheet
440Kb / 9P
   Variable Speed Single-phase Full-wave Pre-driver
logo
Texas Instruments
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11967V SANYO-LB11967V Datasheet
158Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com