Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC74772V Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części LC74772V
Szczegółowy opis  On-Screen Display LSI
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC74772V Arkusz danych(HTML) 4 Page - ON Semiconductor

  LC74772V Datasheet HTML 1Page - ON Semiconductor LC74772V Datasheet HTML 2Page - ON Semiconductor LC74772V Datasheet HTML 3Page - ON Semiconductor LC74772V Datasheet HTML 4Page - ON Semiconductor LC74772V Datasheet HTML 5Page - ON Semiconductor LC74772V Datasheet HTML 6Page - ON Semiconductor LC74772V Datasheet HTML 7Page - ON Semiconductor LC74772V Datasheet HTML 8Page - ON Semiconductor LC74772V Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
No. 5159-4/17
LC74772V
Pin Functions
PinNo.
Symbol
Function
Description
1
VSS
Ground
Ground connection
2
OSCIN
LC oscillator
Connections for the coil and capacitor that form the oscillator that generates the character
3
OSCOUT
output horizontal dot clock.
4
CTRL1
Clock input control
Control input that switches between LC oscillator mode and clock input mode
Low: LC oscillator mode, high: clock input mode
5
TESTIN
Test control input
Test mode control input (The IC operates in test mode when this input is high.)
6
CS
Enable input
Serial data input enable input
Low: active (This input has hysteresis characteristics.)
7
SCLK
Clock input
Serial data input clock input (This input has hysteresis characteristics.)
8
SIN
Data input
Serial data input (This input has hysteresis characteristics.)
9
CKOUT
Clock output
LC oscillator clock monitor output
This signal is output when RST is low.
10
BLK4
Blanking signal output
Blanking signal output (system 2)
Functions as the system 4 blanking data signal output in 4-system mode.
11
CHA4
Character data output
Character data signal output (system 2)
Functions as the system 4 character data signal output in 4-system mode.
12
NC
Unused
Must be left open or tied to ground in normal operation.
13
NC
Unused
Must be left open or tied to ground in normal operation.
14
BLK3
Blanking signal output
Blanking signal output (system 1)
Functions as the system 3 blanking data signal output in 4-system mode.
15
CHA3
Character data output
Character data signal output (system 1)
Functions as the system 3 character data signal output in 4-system mode.
16
BLANK
Blanking signal output
Blanking signal output (blanking signal for RGB output)
Functions as the system 2 blanking data signal output in 4-system mode.
17
R
Character data output
Character data (R) signal output
Functions as the system 2 character data signal output in 4-system mode.
18
G
Character data output
Character data (G) signal output
Functions as the system 1 blanking data signal output in 4-system mode.
19
B
Character data output
Character data (B) signal output
Functions as the system 1 character data signal output in 4-system mode.
20
OUTMOD
Output control input
Control input that switches between RGB output and 4-system output
Low: RGB output, high 4-system output
21
VSYNC
Vertical synchronizing
Vertical synchronizing signal input (This input has hysteresis characteristics.)
signal input
22
HSYNC
Horizontal synchronizing
Horizontal synchronizing signal input (This input has hysteresis characteristics.)
signal input
23
RST
Reset input
System reset signal input (This input has hysteresis characteristics.)
24
VDD
Power supply
Power supply connection (+5 V)
Note: 1. Built-in pull-up resistors can be specified for inclusion in the CS (pin 6), SCLK (pin 7), SIN (pin 8), and RST (pin 23) pins as mask options.
2. In clock input mode (when CTRL1 is high), the function that holds the OSCIN (pin 2) pin high during an oscillator reset is stopped.


Podobny numer części - LC74772V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC74772V SANYO-LC74772V Datasheet
176Kb / 16P
   Camcorder On-Screen Display LSI
LC74772V SANYO-LC74772V Datasheet
193Kb / 17P
   Camcorder On-Screen Display LSI
LC74772V SANYO-LC74772V_99 Datasheet
193Kb / 17P
   Camcorder On-Screen Display LSI
More results

Podobny opis - LC74772V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
   On-Screen Display LSI
LC74763 SANYO-LC74763 Datasheet
419Kb / 19P
   On-Screen Display LSI?
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74761 SANYO-LC74761_11 Datasheet
328Kb / 21P
   On-Screen Display LSI
LC74763 SANYO-LC74763_11 Datasheet
409Kb / 21P
   On-Screen Display LSI
LC74772V SANYO-LC74772V Datasheet
176Kb / 16P
   Camcorder On-Screen Display LSI
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
   On-Screen Display Controller LSI?
LC74770M SANYO-LC74770M Datasheet
125Kb / 11P
   On-Screen Display Controller LSI
LC74785 SANYO-LC74785 Datasheet
268Kb / 24P
   On-Screen Display Controller LSI
LC74725 SANYO-LC74725 Datasheet
260Kb / 16P
   On-Screen Display Controller LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com