Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC709203FQH-03TWG Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części LC709203FQH-03TWG
Szczegółowy opis  Smart LiB Gauge Battery Fuel Gauge LSI
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC709203FQH-03TWG Arkusz danych(HTML) 4 Page - ON Semiconductor

  LC709203FQH-03TWG Datasheet HTML 1Page - ON Semiconductor LC709203FQH-03TWG Datasheet HTML 2Page - ON Semiconductor LC709203FQH-03TWG Datasheet HTML 3Page - ON Semiconductor LC709203FQH-03TWG Datasheet HTML 4Page - ON Semiconductor LC709203FQH-03TWG Datasheet HTML 5Page - ON Semiconductor LC709203FQH-03TWG Datasheet HTML 6Page - ON Semiconductor LC709203FQH-03TWG Datasheet HTML 7Page - ON Semiconductor LC709203FQH-03TWG Datasheet HTML 8Page - ON Semiconductor LC709203FQH-03TWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LC709203F
www.onsemi.com
4
Table 1. Pin Function
WDFN8
WLP9
Pin Name
I/O
Description
1
1B
TEST
I
Connect this pin to VSS.
2
1A
VSS
-
Connect this pin to the battery’s negative (
) pin.
3
3A
VDD
-
Connect this pin to the battery’s positive (+) pin.
4
2A
ALARMB
O
This pin indicates alarm by low output(open drain). Pull-up must be done externally.
Alarm conditions are specified by registers (0x13 or 0x14).
Connect this pin to VSS when not in use.
5
3B
TSW
O
Power supply output for thermistor. This pin goes HIGH during temperature read operation.
Resistance value of TSW (for thermistor pull-up) must be the same value as the thermistor.
(Note 1)
6
3C
TSENSE
I
Thermistor sense input. If you connect this pin to thermistor, insert 100
 resistance between them
for ESD. (Note 1)
7
1C
SDA
I/O
I
2C Data pin (open drain). Pull-up must be done externally.
8
2C
SCL
I/O
I
2C Clock pin (open drain). Pull-up must be done externally.
-
2B
NC
-
Connect this pin to VSS.
Note 1: TSW and TSENSE must be disconnected as figure 1 when not in use.


Podobny numer części - LC709203FQH-03TWG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC709203FQH-03TWG ONSEMI-LC709203FQH-03TWG Datasheet
1Mb / 22P
   Smart LiB Gauge Battery Fuel Gauge LSI
June 2016 - Rev. 9
More results

Podobny opis - LC709203FQH-03TWG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F_16 Datasheet
1Mb / 22P
   Smart LiB Gauge Battery Fuel Gauge LSI
June 2016 - Rev. 9
LC709205F ONSEMI-LC709205F Datasheet
1,016Kb / 24P
   Battery Fuel Gauge LSI [Smart LiB Gauge] for 1-Cell Lithium-ion/ Polymer (Li) with IDD Report
September, 2019 ??Rev. 0
LC709204F ONSEMI-LC709204F Datasheet
1,005Kb / 22P
   Battery Fuel Gauge LSI [Smart LiB Gauge] for 1-Cell Lithium-ion/ Polymer (Li) with Low Power 2A Operation
September, 2019 ??Rev. 0
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
logo
Silicon Mitus, Inc.
SM5602 SILICONMITUS-SM5602 Datasheet
618Kb / 2P
   Fuel Gauge with Smart Engine
May 2021 Rev1.0.1
SM5603 SILICONMITUS-SM5603 Datasheet
589Kb / 2P
   Fuel Gauge for Battery Pack
July 2021 Rev0.0.0
logo
Dallas Semiconductor
DS2751K DALLAS-DS2751K Datasheet
258Kb / 11P
   Battery Fuel Gauge Evaluation Kit
logo
Texas Instruments
BQ35100 TI1-BQ35100 Datasheet
493Kb / 26P
[Old version datasheet]   Lithium Primary Battery Fuel Gauge
BQ27530-G1 TI1-BQ27530-G1_16 Datasheet
1,013Kb / 33P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27531-G1 TI1-BQ27531-G1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com