Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC709203FQH-04TWG Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części LC709203FQH-04TWG
Szczegółowy opis  Smart LiB Gauge Battery Fuel Gauge LSI
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC709203FQH-04TWG Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button LC709203FQH-04TWG Datasheet HTML 3Page - ON Semiconductor LC709203FQH-04TWG Datasheet HTML 4Page - ON Semiconductor LC709203FQH-04TWG Datasheet HTML 5Page - ON Semiconductor LC709203FQH-04TWG Datasheet HTML 6Page - ON Semiconductor LC709203FQH-04TWG Datasheet HTML 7Page - ON Semiconductor LC709203FQH-04TWG Datasheet HTML 8Page - ON Semiconductor LC709203FQH-04TWG Datasheet HTML 9Page - ON Semiconductor LC709203FQH-04TWG Datasheet HTML 10Page - ON Semiconductor LC709203FQH-04TWG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
LC709203F
www.onsemi.com
7
Table 5. I
2C Slave Characteristics at Ta = 40 to +85C, VSS = 0V
Parameter
Symbol
Pin/Remarks
Conditions
Specification
unit
VDD [V]
min
Max
Clock frequency
TSCL
SCL
2.5 to 4.5
400
kHz
Bus free time between STOP
condition and START
condition
TBUF
SCL, SDA
See Fig. 5.
1.3
s
Hold time (repeated) START
condition
First clock pulse is generated
after this interval
THD:STA
SCL, SDA
See Fig. 5.
0.6
s
Repeated START condition
setup time
TSU:STA
SCL, SDA
See Fig. 5.
0.6
s
STOP condition setup time
TSU:STO
SCL, SDA
See Fig. 5.
0.6
s
Data hold time
THD:DAT
SCL, SDA
See Fig. 5.
0
0.9
s
Data setup time
TSU:DAT
SCL, SDA
See Fig. 5.
100
ns
Clock low period
TLOW
SCL
See Fig. 5.
1.3
s
Clock high period
THIGH
SCL
See Fig. 5.
0.6
s
Clock/data fall time
TF
SCL, SDA
20 + 0.1CB
300
ns
Clock/data rise time
TR
SCL, SDA
20 + 0.1CB
300
ns
Wake up time from Sleep
mode
TWU
SDA
See Fig. 6.
400
s
SDA low pulse width to wake
up
TSP
SDA
See Fig. 6.
0.6
s
Wake up retention time from
the falling edge of SDA
TWR1
SDA
See Fig. 6.
500
ms
Wake up retention time from
STOP condition
TWR2
SCL, SDA
See Fig. 6.
500
ms
SCL
SDA
Figure 5. I2C Timing Diagram
t HD:STA
t SU:STO
tBUF
t
LOW
t HD:DAT
t HIGH
t R
t F
t SU:DAT
t SU:STA
t HD:STA
PS
S
P


Podobny numer części - LC709203FQH-04TWG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC709203FQH-04TWG ONSEMI-LC709203FQH-04TWG Datasheet
1Mb / 22P
   Smart LiB Gauge Battery Fuel Gauge LSI
June 2016 - Rev. 9
More results

Podobny opis - LC709203FQH-04TWG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F_16 Datasheet
1Mb / 22P
   Smart LiB Gauge Battery Fuel Gauge LSI
June 2016 - Rev. 9
LC709205F ONSEMI-LC709205F Datasheet
1,016Kb / 24P
   Battery Fuel Gauge LSI [Smart LiB Gauge] for 1-Cell Lithium-ion/ Polymer (Li) with IDD Report
September, 2019 ??Rev. 0
LC709204F ONSEMI-LC709204F Datasheet
1,005Kb / 22P
   Battery Fuel Gauge LSI [Smart LiB Gauge] for 1-Cell Lithium-ion/ Polymer (Li) with Low Power 2A Operation
September, 2019 ??Rev. 0
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
logo
Silicon Mitus, Inc.
SM5602 SILICONMITUS-SM5602 Datasheet
618Kb / 2P
   Fuel Gauge with Smart Engine
May 2021 Rev1.0.1
SM5603 SILICONMITUS-SM5603 Datasheet
589Kb / 2P
   Fuel Gauge for Battery Pack
July 2021 Rev0.0.0
logo
Dallas Semiconductor
DS2751K DALLAS-DS2751K Datasheet
258Kb / 11P
   Battery Fuel Gauge Evaluation Kit
logo
Texas Instruments
BQ35100 TI1-BQ35100 Datasheet
493Kb / 26P
[Old version datasheet]   Lithium Primary Battery Fuel Gauge
BQ27530-G1 TI1-BQ27530-G1_16 Datasheet
1,013Kb / 33P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27531-G1 TI1-BQ27531-G1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com