Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC01707PLF Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części LC01707PLF
Szczegółowy opis  FM multiple tuner IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC01707PLF Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button LC01707PLF Datasheet HTML 3Page - ON Semiconductor LC01707PLF Datasheet HTML 4Page - ON Semiconductor LC01707PLF Datasheet HTML 5Page - ON Semiconductor LC01707PLF Datasheet HTML 6Page - ON Semiconductor LC01707PLF Datasheet HTML 7Page - ON Semiconductor LC01707PLF Datasheet HTML 8Page - ON Semiconductor LC01707PLF Datasheet HTML 9Page - ON Semiconductor LC01707PLF Datasheet HTML 10Page - ON Semiconductor LC01707PLF Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LC01707PLF
No.A1928-7/18
Continued from preceding page.
Pin No. Pin name
Function
Equivalent circuit
31
SCL
Serial data clock input.
31
VDD
VDD
32
SDA
Serial data input/ output.
32
VDD
33
VDD
PLL_logic supply voltage pin.
34
SMETER
S-meter output.
34
VDD
VDD
35
VDD
IF supply voltage pin
36
LPFO
Demodulator output
(After band limit).
36
VDD
VDD
4pF
37
DEMOO
Demodulator output.
37
VDD
VDD
20.4pF
1pF
38
LPFI
Demodulator signal input pin.
38
VDD
1pF
+
-
Continued on next page.


Podobny numer części - LC01707PLF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC01707PLF SANYO-LC01707PLF Datasheet
283Kb / 18P
   FM multiple tuner IC
More results

Podobny opis - LC01707PLF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC01707PLF SANYO-LC01707PLF Datasheet
283Kb / 18P
   FM multiple tuner IC
logo
Toshiba Semiconductor
TA8167N TOSHIBA-TA8167N Datasheet
468Kb / 14P
   3V AM/FM 1CHP TUNER IC
TA8127N TOSHIBA-TA8127N Datasheet
499Kb / 16P
   3V AM/FM 1CHIP TUNER IC
TA8122AN TOSHIBA-TA8122AN Datasheet
524Kb / 17P
   3V AV/FM 1CHIP TUNER IC
logo
Wuxi Youda electronics ...
YD2149 YOUDA-YD2149 Datasheet
133Kb / 7P
   AM/FM 1 CHIP TUNER IC
logo
Toshiba Semiconductor
TA7792P TOSHIBA-TA7792P Datasheet
388Kb / 9P
   AM/FM 1CHIP TUNER SYSTEM IC
logo
ON Semiconductor
LA1837M ONSEMI-LA1837M Datasheet
463Kb / 9P
   Single-Chip AM/FM Tuner IC
May, 2013
logo
List of Unclassifed Man...
RTC6218 ETC1-RTC6218 Datasheet
420Kb / 20P
   FM Tuner
logo
Sanyo Semicon Device
LC01700PW SANYO-LC01700PW Datasheet
141Kb / 18P
   CMOS LSI FM tuner IC for VICS
logo
Wuxi Youda electronics ...
YD2111 YOUDA-YD2111 Datasheet
100Kb / 5P
   3V AM/FM ONE CHIP TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com