Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK672-432BN-E Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części STK672-432BN-E
Szczegółowy opis  2-phase Stepper Motor Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-432BN-E Arkusz danych(HTML) 2 Page - ON Semiconductor

  STK672-432BN-E Datasheet HTML 1Page - ON Semiconductor STK672-432BN-E Datasheet HTML 2Page - ON Semiconductor STK672-432BN-E Datasheet HTML 3Page - ON Semiconductor STK672-432BN-E Datasheet HTML 4Page - ON Semiconductor STK672-432BN-E Datasheet HTML 5Page - ON Semiconductor STK672-432BN-E Datasheet HTML 6Page - ON Semiconductor STK672-432BN-E Datasheet HTML 7Page - ON Semiconductor STK672-432BN-E Datasheet HTML 8Page - ON Semiconductor STK672-432BN-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
STK672-432BN-E
No.A2307-2/28
Allowable Operating Ranges
at Tc=25
C
Parameter
Symbol
Conditions
Ratings
unit
Operating supply voltage 1
VCC
With signals applied
0 to 46
V
Operating supply voltage 2
VDD
With signals applied
5
5%
V
Input high voltage
VIH
Pins 10, 11, 12, 13, 14, 15, 17, VDD=55%
2.5 to VDD
V
Input low voltage
VIL
Pins 10, 11, 12, 13, 14, 15, 17, VDD=55%
0 to 0.8
V
CLOCK frequency
fCL
Minimum pulse width: at least 10
s
0 to 50
kHz
Output current
IOH
Tc=105
C, CLOCK200Hz
2.0
A
Recommended operating
substrate temperature
Tc
No condensation
0 to 105
C
Recommended Vref range
Vref
Tc=105
C
0.14 to 1.48
V
Electrical Characteristics
at Tc=25
C, VCC=24V, VDD=5.0V *1
Parameter
Symbol
Conditions
min
typ
max
unit
VDD supply current
ICCO
VDD=5.0V, ENABLE=Low
7.2
8.5
mA
Output average current *2
Ioave
R/L=1
/0.62mH in each phase
0.19
0.23
0.27
A
FET diode forward voltage
Vdf
If=1A (RL=23)
1
1.6
V
Output saturation voltage
Vsat
RL=23
0.35
0.50
V
Control
input pin
Input voltage
VIH
Pins 10, 11, 12, 13, 14, 15, 17
2.5
VDD
V
VIL
Pins 10, 11, 12, 13, 14, 15, 17
0.3
0.8
V
5V level input current
IILH
Pins 10, 11, 12, 13, 14, 15, 17=5V
50
75
A
GND level input current
IILL
Pins 10, 11, 12, 13, 14, 15, 17=GND
10
A
Vref input bias current
IIB
Pin 19 =1.0V
1
A
FAULT1
pin
Output low voltage
VOLF
Pin 16 (IO=5mA)
0.25
0.5
V
5V level leakage current
IILF
Pin 16 =5V
10
A
FAULT2
pin
Motor terminal open detection
output voltage
VOF1
Pin 8 (when all protection functions have
been activated)
0.0
0.01
0.2
V
Overcurrent detection output
voltage
VOF2
2.4
2.5
2.6
Overheat detection output
voltage
VOF3
3.1
3.3
3.5
Overheat detection temperature
TSD
Design guarantee
144
C
PWM frequency
fc
41
48
55
kHz
Drain-source cut-off current
IDSS
VDS=100V, Pins 2, 6, 9, 18=GND
1
A
4W1-2
2W1-2
W1-2
1-2
Vref
*3
=15/16, 16/16
100
%
4W1-2
2W1-2
=14/16
97
4W1-2
=13/16
95
4W1-2
2W1-2
W1-2
=12/16
93
4W1-2
=11/16
87
4W1-2
2W1-2
=10/16
83
4W1-2
=9/16
77
4W1-2
2W1-2
W1-2
1-2
=8/16
71
4W1-2
=7/16
64
4W1-2
2W1-2
=6/16
55
4W1-2
=5/16
47
4W1-2
2W1-2
W1-2
=4/16
40
4W1-2
=3/16
30
4W1-2
2W1-2
=2/16
20
4W1-2
=1/16
11
2
100
Notes
*1: A fixed-voltage power supply must be used.
*2: The value for Ioave assumes that the lead frame of the product is soldered to the mounting circuit board.
*3: The values given for Vref are design targets, no measurement is performed.
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


Podobny numer części - STK672-432BN-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
STK672-432B-E SANYO-STK672-432B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432B-E ONSEMI-STK672-432B-E Datasheet
238Kb / 26P
   2-phase Stepping Motor Driver
More results

Podobny opis - STK672-432BN-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
   2-PHASE STEPPER MOTOR DRIVER
logo
ON Semiconductor
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
   2-phase Stepper Motor Driver
January, 2014 Ver. 2
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
   2-Phase Stepper Motor Driver
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
   2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
   2-Phase Stepper Motor Driver
logo
ON Semiconductor
STK672-430AN-E ONSEMI-STK672-430AN-E Datasheet
825Kb / 26P
   2-phase Stepper Motor Driver
January 2014 Ver. 2.2
logo
Infineon Technologies A...
TLE4727 INFINEON-TLE4727 Datasheet
694Kb / 22P
   2-Phase Stepper-Motor Driver
2005-07-20
logo
Renesas Technology Corp
M54646AP RENESAS-M54646AP Datasheet
191Kb / 9P
   2-Phase Stepper Motor Driver
logo
Infineon Technologies A...
TLE4726G INFINEON-TLE4726G_08 Datasheet
434Kb / 25P
   2-Phase Stepper-Motor Driver
Rev. 1.1, 2008-06-16
logo
ON Semiconductor
STK672-632AN-E ONSEMI-STK672-632AN-E Datasheet
466Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com