Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC4-1TG2 Arkusz danych(PDF) 11 Page - Integrated Device Technology

Numer części TC4-1TG2
Szczegółowy opis  RF to IF Dual Downconverting Mixer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

TC4-1TG2 Arkusz danych(HTML) 11 Page - Integrated Device Technology

Back Button TC4-1TG2 Datasheet HTML 7Page - Integrated Device Technology TC4-1TG2 Datasheet HTML 8Page - Integrated Device Technology TC4-1TG2 Datasheet HTML 9Page - Integrated Device Technology TC4-1TG2 Datasheet HTML 10Page - Integrated Device Technology TC4-1TG2 Datasheet HTML 11Page - Integrated Device Technology TC4-1TG2 Datasheet HTML 12Page - Integrated Device Technology TC4-1TG2 Datasheet HTML 13Page - Integrated Device Technology TC4-1TG2 Datasheet HTML 14Page - Integrated Device Technology TC4-1TG2 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
RF to IF Dual Downconverting Mixer
400 – 1000 MHz F1102NBGI
IDT Zero-Distortion
TM Mixer
11
RevO, August 2012
DATASHEET
TYPICAL OPERATING CONDITIONS [IF = 150 MHz, Low Side Injection] (-6-)
Gain vs. TCASE
Gain vs. LO level
Output IP3 vs. VCC
Gain vs. VCC
Output IP3 vs. TCASE
Output IP3 vs. LO Level
4
5
6
7
8
9
10
11
700
750
800
850
900
950
RF Freq (MHz)
-40 degC - 0 dBm - 5.00 V - STD
-40 degC - 0 dBm - 5.00 V - LC
25 degC - 0 dBm - 5.00 V - STD
25 degC - 0 dBm - 5.00 V - LC
100 degC - 0 dBm - 5.00 V - STD
100 degC - 0 dBm - 5.00 V - LC
4
5
6
7
8
9
10
11
700
750
800
850
900
950
RF Freq (MHz)
25 degC - 6 dBm - 5.00 V - STD
25 degC - 6 dBm - 5.00 V - LC
25 degC - 0 dBm - 5.00 V - STD
25 degC - 0 dBm - 5.00 V - LC
25 degC - -6 dBm - 5.00 V - STD
25 degC - -6 dBm - 5.00 V - LC
20
25
30
35
40
45
50
700
750
800
850
900
950
RF Freq (MHz)
25 degC - 0 dBm - 5.25 V - STD
25 degC - 0 dBm - 5.25 V - LC
25 degC - 0 dBm - 5.00 V - STD
25 degC - 0 dBm - 5.00 V - LC
25 degC - 0 dBm - 4.75 V - STD
25 degC - 0 dBm - 4.75 V - LC
4
5
6
7
8
9
10
11
700
750
800
850
900
950
RF Freq (MHz)
25 degC - 0 dBm - 5.25 V - STD
25 degC - 0 dBm - 5.25 V - LC
25 degC - 0 dBm - 5.00 V - STD
25 degC - 0 dBm - 5.00 V - LC
25 degC - 0 dBm - 4.75 V - STD
25 degC - 0 dBm - 4.75 V - LC
20
25
30
35
40
45
50
700
750
800
850
900
950
RF Freq (MHz)
-40 degC - 0 dBm - 5.00 V - STD
-40 degC - 0 dBm - 5.00 V - LC
25 degC - 0 dBm - 5.00 V - STD
25 degC - 0 dBm - 5.00 V - LC
100 degC - 0 dBm - 5.00 V - STD
100 degC - 0 dBm - 5.00 V - LC
20
25
30
35
40
45
50
700
750
800
850
900
950
RF Freq (MHz)
25 degC - 6 dBm - 5.00 V - STD
25 degC - 6 dBm - 5.00 V - LC
25 degC - 0 dBm - 5.00 V - STD
25 degC - 0 dBm - 5.00 V - LC
25 degC - -6 dBm - 5.00 V - STD
25 degC - -6 dBm - 5.00 V - LC


Podobny numer części - TC4-1TG2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
TC4-1TG2 IDT-TC4-1TG2 Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
TC4-1TG2 IDT-TC4-1TG2 Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
TC4-1TG2 IDT-TC4-1TG2 Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
TC4-1TG2 IDT-TC4-1TG2 Datasheet
1Mb / 13P
   Intermediate Frequency Digital Variable Gain Amplifier
logo
Mini-Circuits
TC4-1TG2 MINI-TC4-1TG2 Datasheet
227Kb / 1P
   RF Transformer
More results

Podobny opis - TC4-1TG2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
   RF to IF Dual Downconverting Mixer
logo
Integrated Device Techn...
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
IDTF1178NBGI IDT-IDTF1178NBGI Datasheet
4Mb / 21P
   RF to IF Dual Downconverting Mixer
F1100 IDT-F1100 Datasheet
956Kb / 17P
   RF to IF Dual Downconverting Mixer
F1150NBGI IDT-F1150NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
F1162NBGI IDT-F1162NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
IDTF1751NBGI IDT-IDTF1751NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1701NBGI IDT-IDTF1701NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1763NBGI IDT-IDTF1763NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
F1192B RENESAS-F1192B Datasheet
1Mb / 36P
   RF Dual Wideband Gain-Settable Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com