Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF411ACN Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części LF411ACN
Szczegółowy opis  Low Offset, Low Drift JFET Input Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LF411ACN Arkusz danych(HTML) 5 Page - Texas Instruments

  LF411ACN Datasheet HTML 1Page - Texas Instruments LF411ACN Datasheet HTML 2Page - Texas Instruments LF411ACN Datasheet HTML 3Page - Texas Instruments LF411ACN Datasheet HTML 4Page - Texas Instruments LF411ACN Datasheet HTML 5Page - Texas Instruments LF411ACN Datasheet HTML 6Page - Texas Instruments LF411ACN Datasheet HTML 7Page - Texas Instruments LF411ACN Datasheet HTML 8Page - Texas Instruments LF411ACN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LF411-N
www.ti.com
SNOSBH6E – APRIL 1998 – REVISED OCTOBER 2014
6.5 DC Electrical Characteristics
(1) (2)
LF411A
LF411
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Input Offset Voltage
RS=10 kΩ, TA=25°C
0.3
0.5
0.8
2.0
mV
ΔVOS/ΔT
Average TC of Input
RS=10 kΩ
7
7
μV/°C
Offset Voltage
IOS
Input Offset Current
VS=±15V
(2) (3)
Tj=25°C
25
100
25
100
pA
Tj=70°C
2
2
nA
Tj=125°C
25
25
nA
IB
Input Bias Current
VS=±15V
(2) (3)
Tj=25°C
50
200
50
200
pA
Tj=70°C
4
4
nA
Tj=125°C
50
50
nA
RIN
Input Resistance
Tj=25°C
1012
1012
Ω
AVOL
Large Signal Voltage Gain
VS=±15V, VO=±10V, RL=2k,
50
200
25
200
V/mV
TA=25°C
Over Temperature
25
200
15
200
V/mV
VO
Output Voltage Swing
VS=±15V, RL=10k
±12
±13.5
±12
±13.5
V
VCM
Input Common-Mode
±16
+19.5
±11
+14.5
V
Voltage Range
−16.5
−11.5
V
CMRR
Common-Mode Rejection
RS≤10k
80
100
70
100
dB
Ratio
PSRR
Supply Voltage Rejection
See (4)
80
100
70
100
dB
Ratio
IS
Supply Current
1.8
2.8
1.8
3.4
mA
(1)
RETS 411X for LF411MH and LF411MJ military specifications.
(2)
Unless otherwise specified, the specifications apply over the full temperature range and for VS=±20V for the LF411A and for VS=±15V
for the LF411. VOS, IB, and IOS are measured at VCM=0.
(3)
The input bias currents are junction leakage currents which approximately double for every 10°C increase in the junction temperature,
Tj. Due to limited production test time, the input bias currents measured are correlated to junction temperature. In normal operation the
junction temperature rises above the ambient temperature as a result of internal power dissipation, PD. Tj=TAjA PD where θjA is the
thermal resistance from junction to ambient. Use of a heat sink is recommended if input bias current is to be kept to a minimum.
(4)
Supply voltage rejection ratio is measured for both supply magnitudes increasing or decreasing simultaneously in accordance with
common practice, from ±15V to ±5V for the LF411 and from ±20V to ±5V for the LF411A.
6.6 AC Electrical Characteristics
LF411A
LF411
PARAMETER(1)(2)
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
SR
Slew Rate
VS=±15V, TA=25°C
10
15
8
15
V/
μs
GBW
Gain-Bandwidth Product
VS=±15V, TA=25°C
3
4
2.7
4
MHz
en
Equivalent Input Noise Voltage
TA=25°C, RS=100Ω,
25
25
nV /
√Hz
f=1 kHz
in
Equivalent Input Noise Current
TA=25°C, f=1 kHz
0.01
0.01
pA /
√Hz
THD
Total Harmonic Distortion
AV=+10, RL=10k, VO=20
<0.02
<0.02
Vp-p, BW=20 Hz
−20 kHz
%
%
(1)
Unless otherwise specified, the specifications apply over the full temperature range and for VS=±20V for the LF411A and for VS=±15V
for the LF411. VOS, IB, and IOS are measured at VCM=0.
(2)
RETS 411X for LF411MH and LF411MJ military specifications.
Copyright © 1998–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LF411-N


Podobny numer części - LF411ACN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LF411ACN NSC-LF411ACN Datasheet
456Kb / 12P
   Low Offset, Low Drift JFET Input Operational Amplifier
logo
Texas Instruments
LF411ACN TI1-LF411ACN Datasheet
551Kb / 15P
[Old version datasheet]   LF411 Low Offset, Low Drift JFET Input Operational Amplifier
More results

Podobny opis - LF411ACN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LF411 NSC-LF411 Datasheet
456Kb / 12P
   Low Offset, Low Drift JFET Input Operational Amplifier
logo
Texas Instruments
LF411JAN TI1-LF411JAN_16 Datasheet
1Mb / 18P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
VLF411QML-SP TI1-VLF411QML-SP Datasheet
1Mb / 19P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
logo
National Semiconductor ...
LF412 NSC-LF412 Datasheet
565Kb / 13P
   Low Offset, Low Drift Dual JFET Input Operational Amplifier
logo
Texas Instruments
LF411QML TI1-LF411QML Datasheet
699Kb / 20P
[Old version datasheet]   LF411QML Low Offset, Low Drift JFET Input Operational Amplifier
LF411JAN TI1-LF411JAN Datasheet
874Kb / 16P
[Old version datasheet]   LF411JAN Low Offset, Low Drift JFET Input Operational Amplifier
LF411-N TI-LF411-N Datasheet
874Kb / 16P
[Old version datasheet]   LF411 Low Offset, Low Drift JFET Input Operational Amplifier
LF411QML-SP TI-LF411QML-SP_15 Datasheet
1Mb / 19P
[Old version datasheet]   LF411QML Low Offset, Low Drift JFET Input Operational Amplifier
logo
New Japan Radio
NJM2749 NJRC-NJM2749 Datasheet
606Kb / 12P
   Low Offset, Low Drift Dual JFET Input Operational Amplifier
Ver.2017-07-31
logo
Texas Instruments
LF411 TI1-LF411_11 Datasheet
551Kb / 15P
[Old version datasheet]   LF411 Low Offset, Low Drift JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com