Zakładka z wyszukiwarką danych komponentów |
|
LM301AH Arkusz danych(PDF) 2 Page - Texas Instruments |
|
|
LM301AH Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 24 page LM101A-N, LM201A-N, LM301A-N SNOSBS0D – SEPTEMBER 1999 – REVISED MARCH 2013 www.ti.com These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. Absolute Maximum Ratings (1) (2) LM101A/LM201A LM301A Supply Voltage ±22V ±18V Differential Input Voltage ±30V ±30V Input Voltage(3) ±15V ±15V Output Short Circuit Duration(4) Continuous Continuous Operating Ambient Temp. Range −55°C to +125°C (LM101A) 0°C to +70°C −25°C to +85°C (LM201A) TJ Max LMC0008C Package 150°C 100°C P0008E Package 150°C 100°C NAB0008A, J0014A Package 150°C 100°C Power Dissipation at TA = 25°C LMC0008C-Package (Still Air) 500 mW 300 mW (400 LF/Min Air Flow) 1200 mW 700 mW P0008E Package 900 mW 500 mW NAB0008A, J0014A Package 1000 mW 650 mW Thermal Resistance (Typical) θjA LMC0008C Package (Still Air) 165°C/W 165°C/W (400 LF/Min Air Flow) 67°C/W 67°C/W P0008E Package 135°C/W 135°C/W NAB0008A, J0014A Package 110°C/W 110°CmW (Typical) θjC LMC0008C Package 25°C/W 25°C/W Storage Temperature Range −65°C to +150°C −65°C to +150°C Lead Temperature (Soldering, 10 sec.) LMC0008C or NAB0008A, J0014A, NAD0010A 300°C 300°C P0008E 260°C 260°C ESD Tolerance(5) 2000V 2000V (1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate for which the device is functional, but do no ensure specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which ensure specific limits. This assumes that the device is within the Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication of device performance. (2) If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and specifications. (3) For supply voltages less than ±15V, the absolute maximum input voltage is equal to the supply voltage. (4) Continuous short circuit is allowed for case temperatures to 125°C and ambient temperatures to 75°C for LM101A/LM201A, and 70°C and 55°C respectively for LM301A. (5) Human body model, 100 pF discharged through 1.5 k Ω. 2 Submit Documentation Feedback Copyright © 1999–2013, Texas Instruments Incorporated Product Folder Links: LM101A-N LM201A-N LM301A-N |
Podobny numer części - LM301AH |
|
Podobny opis - LM301AH |