Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2904M Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części LM2904M
Szczegółowy opis  Low-Power, Dual-Operational Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM2904M Arkusz danych(HTML) 3 Page - Texas Instruments

  LM2904M Datasheet HTML 1Page - Texas Instruments LM2904M Datasheet HTML 2Page - Texas Instruments LM2904M Datasheet HTML 3Page - Texas Instruments LM2904M Datasheet HTML 4Page - Texas Instruments LM2904M Datasheet HTML 5Page - Texas Instruments LM2904M Datasheet HTML 6Page - Texas Instruments LM2904M Datasheet HTML 7Page - Texas Instruments LM2904M Datasheet HTML 8Page - Texas Instruments LM2904M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LM158-N, LM258-N, LM2904-N, LM358-N
www.ti.com
SNOSBT3I – JANUARY 2000 – REVISED DECEMBER 2014
5 Pin Configuration and Functions
D, P, and NAB Package
8-Pin SOIC, PDIP, and CDIP
Top View
LMC Package
8-Pin TO-99
Top View
YPB Package
8-Pin DSBGA
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
D/P/LMC
DSBGA NO.
NAME
NO.
1
A1
OUTA
O
Output , Channel A
2
B1
-INA
I
Inverting Input, Channel A
3
C1
+INA
I
Non-Inverting Input, Channel A
Ground for Single supply configurations. negative supply for dual supply
4
C2
GND / V-
P
configurations
5
C3
+INB
I
Output, Channel B
6
B3
-INB
I
Inverting Input, Channel B
7
A3
OUTB
O
Non-Inverting Input, Channel B
8
A2
V+
P
Positive Supply
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM158-N LM258-N LM2904-N LM358-N


Podobny numer części - LM2904M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2904M NSC-LM2904M Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
Fairchild Semiconductor
LM2904M FAIRCHILD-LM2904M Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Texas Instruments
LM2904M TI-LM2904M Datasheet
1Mb / 33P
[Old version datasheet]   LM158/LM258/LM358/LM2904 Low Power Dual Operational Amplifiers
logo
Diodes Incorporated
LM2904M8-13 DIODES-LM2904M8-13 Datasheet
863Kb / 15P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
LM2904M8-13 DIODES-LM2904M8-13 Datasheet
791Kb / 16P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
More results

Podobny opis - LM2904M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
   Low Power Dual Operational Amplifiers
logo
Princeton Technology Co...
RS358 PTC-RS358 Datasheet
217Kb / 5P
   Low Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com