Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD484M1644VTA-7 Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części AD484M1644VTA-7
Szczegółowy opis  Ascend Semiconductor Corporation(64Mb SDRAM)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

AD484M1644VTA-7 Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  AD484M1644VTA-7 Datasheet HTML 1Page - List of Unclassifed Manufacturers AD484M1644VTA-7 Datasheet HTML 2Page - List of Unclassifed Manufacturers AD484M1644VTA-7 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD484M1644VTA-7 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD484M1644VTA-7 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD484M1644VTA-7 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD484M1644VTA-7 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD484M1644VTA-7 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD484M1644VTA-7 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Preliminary
2
64Mb SDRAM
Ascend Semiconductor Corporation
Ordering Information
AD 48 4M 16 4 4 V T A – 7 L I
Ascend
Semiconductor
EDO
: 40
FPM
: 41
DDRSDRAM
: 42
DDRSGRAM
: 43
SGRAM
: 46
SDRAM
: 48
Power
Non : Standard
L : Low power
Density
16M : 16 Mega Bits
8M : 8 Mega Bits
4M : 4 Mega Bits
2M : 2 Mega Bits
1M : 1 Mega Bit
Refresh
1 : 1K, 8 : 8K
2 : 2K, 6 :16K
4 : 4K
Bank
2 : 2Bank 6 : 16Bank
4 : 4Bank 3 : 32Bank
8 : 8Bank
Revision
A : 1st B : 2nd
C : 3rd D :4th
Interface
V: 3.3V
R: 2.5V
Package
Min Cycle Time ( Max Freq.)
-55 : 5.5ns ( 183MHz )
-6 : 6ns
( 167MHz )
-7 : 7ns
( 143MHz )
-8 : 8ns
( 125MHz )
-10 : 10ns
( 100MHz )
-15 : 15ns
(66MHz,CL1 applicable)
C: CSP
B: uBGA
T: TSOP Q: TQFP
P: PQFP ( QFP )
Organization
8 : x8
9 : x9
16 : x16
18 : x18
32 : x32
Operating Range
I : Industrial
-40℃ ~ 85℃
Non : Commercial
0℃ ~ 70℃
S
: Special
0℃ ~ 85℃


Podobny numer części - AD484M1644VTA-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD4858 AD-AD4858 Datasheet
2Mb / 70P
   Buffered, 8-Channel Simultaneous Sampling, 20-Bit 1 MSPS DAS
Rev. 0
AD4858BBCZ AD-AD4858BBCZ Datasheet
2Mb / 70P
   Buffered, 8-Channel Simultaneous Sampling, 20-Bit 1 MSPS DAS
Rev. 0
AD4858BBCZ-RL-13 AD-AD4858BBCZ-RL-13 Datasheet
2Mb / 70P
   Buffered, 8-Channel Simultaneous Sampling, 20-Bit 1 MSPS DAS
Rev. 0
More results

Podobny opis - AD484M1644VTA-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
EM484M1644VTA-55L ETC1-EM484M1644VTA-55L Datasheet
741Kb / 18P
   64Mb SDRAM
EM482M3244VTA-5L ETC1-EM482M3244VTA-5L Datasheet
934Kb / 33P
   64Mb SDRAM
logo
Hynix Semiconductor
H5DU6462CTR-FAX HYNIX-H5DU6462CTR-FAX Datasheet
329Kb / 29P
   64Mb DDR SDRAM
logo
White Electronic Design...
W3DG648V-D1 WEDC-W3DG648V-D1 Datasheet
129Kb / 6P
   64MB - 2x4Mx64 SDRAM, UNBUFFERED
W3DG647V-D2 WEDC-W3DG647V-D2 Datasheet
81Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
W3DG648V-D2 WEDC-W3DG648V-D2 Datasheet
76Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
W3DG727V-D2 WEDC-W3DG727V-D2 Datasheet
121Kb / 5P
   64MB - 8Mx72 SDRAM UNBUFFERED
WED3DG649V-D1 WEDC-WED3DG649V-D1 Datasheet
105Kb / 6P
   64MB- 8Mx64 SDRAM, UNBUFFERED
logo
ADL Embedded Solutions
MSM586SL ADL-MSM586SL Datasheet
203Kb / 2P
   Soldered 32MB SDRAM (64MB)
logo
Samsung semiconductor
K4S640832K SAMSUNG-K4S640832K Datasheet
327Kb / 14P
   64Mb K-die SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com