Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FWS-7811W8-R27-A10-001 Arkusz danych(PDF) 1 Page - AAEON Technology

Numer części FWS-7811W8-R27-A10-001
Szczegółowy opis  lcm with keypad
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AAEON [AAEON Technology]
Strona internetowa  http://www.aaeon.com
Logo AAEON - AAEON Technology

FWS-7811W8-R27-A10-001 Arkusz danych(HTML) 1 Page - AAEON Technology

  FWS-7811W8-R27-A10-001 Datasheet HTML 1Page - AAEON Technology FWS-7811W8-R27-A10-001 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15-5
Note: All specifications are subject to change without notice.
15
Features
Specifications
Front View
Rear View
FWS-7811
1U Rackmount Network Appliance
LGA1150 4th Generation, Intel® Core™/Xeon Processor
240-pin ECC/non-ECC DDR3(L) 1333/1600 UDIMM x 4 Up to 32 GB
Intel® i211AT 10/100/1000Base-TX Ethernet x 8 (Optional up to 2
Pair LAN Bypass Function)
Up to 16 Ports and 6 Pairs Bypass with NIM
Up to 2.5” SATA HDD x 5 or 2.5” SATA HDD x 3 + 3.5” SATA HDD x 1
LCM with Keypad x 1
RJ-45 for Console x 1, USB3.0 x 2
275W Redundant AC Type Power Input Requirement
VGA Header x 1 (Optional VGA Cable)
Intel® C226 1U Rackmount 8 LANs Network Appliance with 275W Redundant Power Supply Support
LED
Expansion Slot x 2
AC Power Input
System Fan x 2 (Smart Fan Support)
Power Switch
USB 3.0 Port x 2
NIM Slot x 1 (Optional)
LAN x 8
LCM Panel
RJ-45 Console x 1
Platform
Form Factor
1U Rackmount Network Platform
Processor
Intel® LGA1150 4th Gen Core™/ Xeon Processor
Chipset
Intel® C226
System Memory
- DDR3 1333/1600 UDIMM/ECC
- Up to 32GB
- 240-pin DIMM x 4
Network
Ethernet
1GbE x 8 + NIM
Bypass
2 ~ 4 (Depends on NIM)
NIM Slot
1
Display
Graphic Controller
Intel® Integrated
Connector
VGA cable (Optional)
Storage
HDDs
Internal 3.5” SATA HDD x 1 or 2.5” SATA HDD x 2 (Optional)
CF/CFast/mSATA
CF socket x 1
Expansion/Internal Interface
PCIe slot
PCIe [x8] slot x 1 (Optional)
Mini-card slot
IPMI
Keyboard and Mouse
Reserve pin-header
Universal Serial Bus
USB 2.0 x 2 Box Header (2.0mm) (optional)
Miscellaneous
RTC
Internal RTC
Watchdog Timer
1~255 steps by software programmable
Software Button
GPIO Programmable push button x 1
TPM
GPIO
FAN
2
MTBF (Hours)
97,000
Color
Black
Environmental Parameters and Dimension
Power Requirement
275W Redundant PSU
Operation Temp.
32°F ~ 104°F (0°C ~ 40°C)
Storage Temp.
-4°F ~ 140°F (-20°C ~ 60°C)
Operating Humidity
10 ~ 80%
Storage Humidity
10 ~ 80% @ 40°C, non-condensing
Vibration
0.5 Grms/ 5 ~ 500Hz/ operation (3.5” H.D.D)
1.5 Grms/ 5 ~ 500Hz/ no operation
Shock
10G peak acceleration (11 m sec. duration), operation
20G peak acceleration (11 m sec. duration), non-operation
Chassis Dimension
(W x D x H)
16.93” x 18.7” x 1.73” (430mm x 475mm x 44mm)
I/O Interfaces
Front Panel
- Power LED x 1
- Status LED x 1
- HDD Active LED x 1
- LAN ports Link/Active LED x 8
- Bypass LED (Default 2 LEDs)
- USB 3.0 Ports x 2
- RJ-45 Console x 1
- Parallel LCM display and 4 keypad x 1
- Software Programmable Switch x 1
Rear Panel
- AC Power Input x 2
- Power Switch x 1
- VGA port (Optional)
- Rear Expansion Slot x 2 (Optional)


Podobny numer części - FWS-7811W8-R27-A10-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AAEON Technology
FWS-7811 AAEON-FWS-7811 Datasheet
117Kb / 1P
   supports two pairs bypass function
FWS-7811 AAEON-FWS-7811 Datasheet
118Kb / 1P
   supports 2 pairs bypass function
More results

Podobny opis - FWS-7811W8-R27-A10-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AAEON Technology
FWS-7520 AAEON-FWS-7520 Datasheet
260Kb / 2P
   lcm with keypad
FWS-7820 AAEON-FWS-7820 Datasheet
273Kb / 2P
   clm with keypad
logo
List of Unclassifed Man...
LCM-5022 ETC-LCM-5022 Datasheet
82Kb / 1P
   LCM-5022
logo
Cherry Semiconductor Co...
G844700LPBUS2 CHERRY-G844700LPBUS2 Datasheet
159Kb / 2P
   Keypad
logo
Varitronix internationa...
COG-T350MHQ-03 VARITRONIX-COG-T350MHQ-03 Datasheet
171Kb / 1P
   LCM Module Specification
logo
List of Unclassifed Man...
SMC1602A ETC-SMC1602A Datasheet
255Kb / 5P
   SMC1602A LCM
logo
Varitronix internationa...
TLM-T350MPV-01 VARITRONIX-TLM-T350MPV-01 Datasheet
159Kb / 1P
   LCM Module Specification
PDA320240D-04 VARITRONIX-PDA320240D-04 Datasheet
190Kb / 1P
   LCM Module Specification
logo
List of Unclassifed Man...
MCAK304NSSBWPMM ETC2-MCAK304NSSBWPMM Datasheet
206Kb / 2P
   Keypad
logo
Schurter Inc.
PIEZOKEYPADS SCHURTER-PIEZOKEYPADS Datasheet
547Kb / 4P
   Piezo Keypad
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com