Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FCBN425QB1C20 Arkusz danych(PDF) 6 Page - Finisar Corporation.

Numer części FCBN425QB1C20
Szczegółowy opis  PRELIMINARY Product Specification 100G Quadwire QSFP28 Active Optical Cable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FINISAR [Finisar Corporation.]
Strona internetowa  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCBN425QB1C20 Arkusz danych(HTML) 6 Page - Finisar Corporation.

  FCBN425QB1C20 Datasheet HTML 1Page - Finisar Corporation. FCBN425QB1C20 Datasheet HTML 2Page - Finisar Corporation. FCBN425QB1C20 Datasheet HTML 3Page - Finisar Corporation. FCBN425QB1C20 Datasheet HTML 4Page - Finisar Corporation. FCBN425QB1C20 Datasheet HTML 5Page - Finisar Corporation. FCBN425QB1C20 Datasheet HTML 6Page - Finisar Corporation. FCBN425QB1C20 Datasheet HTML 7Page - Finisar Corporation. FCBN425QB1C20 Datasheet HTML 8Page - Finisar Corporation. FCBN425QB1C20 Datasheet HTML 9Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
FCBN425QB1Cxx PRELIMINARY Product Specification – September 2015
 Finisar Corporation – 8-Sep-15 Rev A7 Preliminary
Page 6
Jitter (Measured at TP4)
Symbol
Min
Typ
Max
Unit
Ref
Total Jitter Output
oTLj pp
0.82
UI
1,3,4,5
Deterministic Jitter Output
oDLj pp
0.42
UI
1,3,4,5
Data Depended Pulse Width Shrinkage
oLJ2 pp
0.36
UI
1,2,3,5
J2 Jitter
DDPWS
0.45
UI
1,3,4,5
J9 Jitter
oLJ2 pp
0.72
UI
3,4,5
Notes:
1.
28Gbps PRBS2^31, BER 10^-12.
2.
Measured at TP1, minimum input voltage.
3.
All channels are on for worst condition crosstalk.
4.
Measured at TP4 with iTLj=.25UI, iDLj=.05UI at TP1, max temp.
5.
These jitter values provided are for information only, they do not include the noise impact of the test
O:E receiver required to measure them.
Jitter with TX CDR enabled and RX CDR in bypass
Jitter (Measured at TP1)
Symbol
Min
Typ
Max
Unit
Ref
Total Jitter Input
iTLj pp
0.62
UI
1,2,3,5
Deterministic Jitter Input
iDLj pp
0.42
UI
1,2,3,5
J2 Jitter Tolerance
iLJ2 pp
0.5
UI
2,3,5
J9 Jitter Tolerance
iLJ9 pp
0.58
UI
2,3,5
Jitter (Measured at TP4)
Symbol
Min
Typ
Max
Unit
Ref
Total Jitter Output
oTLj pp
0.82
UI
1,3,4,5
Deterministic Jitter Output
oDLj pp
0.42
UI
1,3,4,5
Data Depended Pulse Width Shrinkage
oLJ2 pp
0.36
UI
1,2,3,5
J2 Jitter
DDPWS
0.45
UI
1,3,4,5
J9 Jitter
oLJ2 pp
0.72
UI
3,4,5
Notes:
1.
28Gbps PRBS2^31, BER 10^-12.
2.
Measured at TP1, minimum input voltage.
3.
All channels are on for worst condition crosstalk.
4.
Measured at TP4 with iTLj=.25UI, iDLj=.05UI at TP1, max temp.
5.
These jitter values provided are for information only, they do not include the noise impact of the test
O:E receiver required to measure them.
V.
Memory Map and Control Registers
Compatible with SFF-8636. More details to be provided in a future application note.


Podobny numer części - FCBN425QB1C20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Finisar Corporation.
FCBN425QB1C20 FINISAR-FCBN425QB1C20 Datasheet
473Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
More results

Podobny opis - FCBN425QB1C20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
2368650 TEC-2368650 Datasheet
279Kb / 4P
   100G QSFP28 Active Optical Cable
23 AUGUST 2022 Rev B
logo
Finisar Corporation.
FCBN425QE1CXX FINISAR-FCBN425QE1CXX Datasheet
473Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QE1C01 FINISAR-FCBN425QE1C01 Datasheet
475Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QB1CXX FINISAR-FCBN425QB1CXX Datasheet
474Kb / 7P
   100G Quadwire짰 EDR QSFP28 Active Optical Cable
logo
ATGBICS by Approved Tec...
AOC-QSFP28-100G-15M-C ATGBICS-AOC-QSFP28-100G-15M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-15M Dell Compatible Active Optical Cable 100G QSFP28 (15m)
AOC-QSFP28-100G-20M-C ATGBICS-AOC-QSFP28-100G-20M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-20M Dell Compatible Active Optical Cable 100G QSFP28 (20m)
AOC-QSFP28-100G-10M-C ATGBICS-AOC-QSFP28-100G-10M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-10M Dell Compatible Active Optical Cable 100G QSFP28 (10m)
AOC-QSFP28-100G-1M-C ATGBICS-AOC-QSFP28-100G-1M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-1M Dell Compatible Active Optical Cable 100G QSFP28 (1m)
AOC-QSFP28-100G-3M-C ATGBICS-AOC-QSFP28-100G-3M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-3M Dell Compatible Active Optical Cable 100G QSFP28 (3m)
AOC-QSFP28-100G-5M-C ATGBICS-AOC-QSFP28-100G-5M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-5M Dell Compatible Active Optical Cable 100G QSFP28 (5m)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com