Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FCBN425QB1C50 Arkusz danych(PDF) 1 Page - Finisar Corporation.

Numer części FCBN425QB1C50
Szczegółowy opis  PRELIMINARY Product Specification 100G Quadwire QSFP28 Active Optical Cable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FINISAR [Finisar Corporation.]
Strona internetowa  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCBN425QB1C50 Arkusz danych(HTML) 1 Page - Finisar Corporation.

  FCBN425QB1C50 Datasheet HTML 1Page - Finisar Corporation. FCBN425QB1C50 Datasheet HTML 2Page - Finisar Corporation. FCBN425QB1C50 Datasheet HTML 3Page - Finisar Corporation. FCBN425QB1C50 Datasheet HTML 4Page - Finisar Corporation. FCBN425QB1C50 Datasheet HTML 5Page - Finisar Corporation. FCBN425QB1C50 Datasheet HTML 6Page - Finisar Corporation. FCBN425QB1C50 Datasheet HTML 7Page - Finisar Corporation. FCBN425QB1C50 Datasheet HTML 8Page - Finisar Corporation. FCBN425QB1C50 Datasheet HTML 9Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
 Finisar Corporation – 8-Sep-15 Rev A7 Preliminary
Page 1
PRELIMINARY Product Specification
100G Quadwire
® QSFP28 Active Optical Cable
FCBN425QB1Cxx
PRODUCT FEATURES
 Four-channel full-duplex active
optical cable
 Multirate capability: 10 Gb/s to 28
Gb/s per channel
 QSFP28 high-density form factor
 Reliable VCSEL array technology
using multimode fiber
 Round OFNP-rated cable
 Hot Pluggable
 Low power dissipation: <3.5W per
cable end (<2.5W with CDRs off)
 Commercial operating case
temperature range: 0ºC to 70ºC
 RoHS-6 Compliant
Compliant to RoHS Directive 2011/65/EU
APPLICATIONS
 Infiniband 4xEDR, 4xFDR, 4xQDR
 10/25/40/100G Ethernet
 4G/8G/16G/32G Fibre Channel
 SAS3
 Proprietary HPC Interconnections
PRODUCT SELECTION (Standard Lengths*)
FCBN425QB1C01
1-meter cable
FCBN425QB1C03
3-meter cable
FCBN425QB1C05
5-meter cable
FCBN425QB1C10
10-meter cable
FCBN425QB1C15
15-meter cable
FCBN425QB1C20
20-meter cable
FCBN425QB1C30
30-meter cable
FCBN425QB1C50
50-meter cable
FCBN425QB1CX0
100-meter cable
*For availability of additional cable lengths or cable types, please contact Finisar.


Podobny numer części - FCBN425QB1C50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Finisar Corporation.
FCBN425QB1C50 FINISAR-FCBN425QB1C50 Datasheet
473Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
More results

Podobny opis - FCBN425QB1C50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
2368650 TEC-2368650 Datasheet
279Kb / 4P
   100G QSFP28 Active Optical Cable
23 AUGUST 2022 Rev B
logo
Finisar Corporation.
FCBN425QE1CXX FINISAR-FCBN425QE1CXX Datasheet
473Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QE1C01 FINISAR-FCBN425QE1C01 Datasheet
475Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QB1CXX FINISAR-FCBN425QB1CXX Datasheet
474Kb / 7P
   100G Quadwire짰 EDR QSFP28 Active Optical Cable
logo
ATGBICS by Approved Tec...
AOC-QSFP28-100G-15M-C ATGBICS-AOC-QSFP28-100G-15M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-15M Dell Compatible Active Optical Cable 100G QSFP28 (15m)
AOC-QSFP28-100G-20M-C ATGBICS-AOC-QSFP28-100G-20M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-20M Dell Compatible Active Optical Cable 100G QSFP28 (20m)
AOC-QSFP28-100G-10M-C ATGBICS-AOC-QSFP28-100G-10M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-10M Dell Compatible Active Optical Cable 100G QSFP28 (10m)
AOC-QSFP28-100G-1M-C ATGBICS-AOC-QSFP28-100G-1M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-1M Dell Compatible Active Optical Cable 100G QSFP28 (1m)
AOC-QSFP28-100G-3M-C ATGBICS-AOC-QSFP28-100G-3M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-3M Dell Compatible Active Optical Cable 100G QSFP28 (3m)
AOC-QSFP28-100G-5M-C ATGBICS-AOC-QSFP28-100G-5M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-5M Dell Compatible Active Optical Cable 100G QSFP28 (5m)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com