Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM10CWM Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części LM10CWM
Szczegółowy opis  Operational Amplifier and Voltage Reference
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM10CWM Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button LM10CWM Datasheet HTML 3Page - Texas Instruments LM10CWM Datasheet HTML 4Page - Texas Instruments LM10CWM Datasheet HTML 5Page - Texas Instruments LM10CWM Datasheet HTML 6Page - Texas Instruments LM10CWM Datasheet HTML 7Page - Texas Instruments LM10CWM Datasheet HTML 8Page - Texas Instruments LM10CWM Datasheet HTML 9Page - Texas Instruments LM10CWM Datasheet HTML 10Page - Texas Instruments LM10CWM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
LM10
www.ti.com
SNOSBH4E – MAY 1998 – REVISED OCTOBER 2015
Electrical Characteristics, LM10C (continued)
TJ=25°C unless otherwise specified
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
−20 V ≤ VCM ≤ 19.15 V
90
102
dB
Common-mode rejection
−20 V ≤ VCM ≤ 19 V
90
102
dB
VS = ±20 V, TMIN ≤ TJ ≤ TMAX (see
(1))
87
dB
−0.2 V ≥ V≥ −39 V
87
96
dB
V+ = 1 V, TMIN ≤ TJ ≤ TMAX (see
(1))
84
dB
V+ = 1.1 V, TMIN ≤ TJ ≤ TMAX (see
(1))
84
dB
Supply-voltage rejection
1 V
≤ V+ ≤ 39.8 V
93
106
dB
1.1 V
≤ V+ ≤ 39.8 V, TMIN ≤ TJ ≤ TMAX (see
(1))
93
106
dB
V=
−0.2 V, TMIN ≤ TJ ≤ TMAX (see
(1))
90
dB
Offset voltage drift
5
μV/°C
Offset current drift
5
pA/°C
Bias current drift
TC < 100°C
90
pA/°C
1.2 V
≤ VS ≤ 40 V
0.001
0.008
%/V
Line regulation
1.3 V
≤ VS ≤ 40 V, TMIN ≤ TJ ≤ TMAX (see
(1))
0.001
0.008
%/V
0
≤ IREF ≤ 1 mA, VREF = 200 mV, TMIN ≤ TJ ≤ TMAX (see
(1))
0.01
%/V
0
≤ IREF ≤ 1 mA
0.01%
0.15%
Load regulation
V+
− VREF ≥ 1 V, TMIN ≤ TJ ≤ TMAX (see
(1))
0.2%
V+
− VREF≥ 1.1 V, TMIN ≤ TJ ≤ TMAX (see
(1))
0.2%
TJ=25°C
25
70
V/mV
Amplifier gain
0.2 V
≤ VREF ≤ 35 V
TMIN ≤ TJ ≤ TMAX (see
(1))
15
V/mV
TJ=25°C
190
200
210
mV
Feedback sense voltage
TMIN ≤ TJ ≤ TMAX (see
(1))
189
211
mV
TJ=25°C
22
75
nA
Feedback current
TMIN ≤ TJ ≤ TMAX (see
(1))
90
nA
Reference drift
0.003
%/°C
TJ=25°C
300
500
μA
Supply current
TMIN ≤ TJ ≤ TMAX (see
(1))
570
μA
TJ=25°C
15
1.2 V
≤ VS ≤ 40 V
μA
TMIN ≤ TJ ≤ TMAX (see
(1))
75
Supply current change
TJ=25°C
15
1.3 V
≤ VS ≤ 40 V
μA
TMIN ≤ TJ ≤ TMAX (see
(1))
75
Copyright © 1998–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM10


Podobny numer części - LM10CWM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM10CWM NSC-LM10CWM Datasheet
688Kb / 21P
   Operational Amplifier and Voltage Reference
LM10CWM NSC-LM10CWM Datasheet
779Kb / 25P
   Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10CWM TI-LM10CWM Datasheet
2Mb / 34P
[Old version datasheet]   LM10 Operational Amplifier and Voltage Reference
logo
National Semiconductor ...
LM10CWM NSC-LM10CWM Datasheet
2Mb / 34P
   LM10 Operational Amplifier and Voltage Reference
LM10CWMNOPB NSC-LM10CWMNOPB Datasheet
2Mb / 34P
   LM10 Operational Amplifier and Voltage Reference
More results

Podobny opis - LM10CWM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM10 NSC-LM10_00 Datasheet
779Kb / 25P
   Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10-MIL TI1-LM10-MIL Datasheet
2Mb / 29P
[Old version datasheet]   Operational Amplifier and Voltage Reference
logo
National Semiconductor ...
LM10 NSC-LM10 Datasheet
688Kb / 21P
   Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10QML TI1-LM10QML_14 Datasheet
1Mb / 28P
[Old version datasheet]   Operational Amplifier and Voltage Reference
LM10CLN TI-LM10CLN Datasheet
2Mb / 34P
[Old version datasheet]   LM10 Operational Amplifier and Voltage Reference
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
   Dual Operational Amplifier and Voltage Reference
logo
STMicroelectronics
TSM107 STMICROELECTRONICS-TSM107 Datasheet
80Kb / 5P
   Triple Operational Amplifier and Voltage Reference
TSM103WAID STMICROELECTRONICS-TSM103WAID Datasheet
53Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_09 Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
logo
Gamma Microelectronics ...
GMA103A GAMMA-GMA103A Datasheet
261Kb / 9P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com