Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPIC6B273DW Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części TPIC6B273DW
Szczegółowy opis  Eight Power DMOS-Transistor Outputs of 150-mA Continuous Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC6B273DW Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TPIC6B273DW Datasheet HTML 4Page - Texas Instruments TPIC6B273DW Datasheet HTML 5Page - Texas Instruments TPIC6B273DW Datasheet HTML 6Page - Texas Instruments TPIC6B273DW Datasheet HTML 7Page - Texas Instruments TPIC6B273DW Datasheet HTML 8Page - Texas Instruments TPIC6B273DW Datasheet HTML 9Page - Texas Instruments TPIC6B273DW Datasheet HTML 10Page - Texas Instruments TPIC6B273DW Datasheet HTML 11Page - Texas Instruments TPIC6B273DW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TPIC6B273
POWER LOGIC OCTAL D-TYPE LATCH
SLIS031 – APRIL 1994 – REVISED JULY 1995
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
THERMAL INFORMATION
MAXIMUM CONTINUOUS
DRAIN CURRENT OF EACH OUTPUT
vs
NUMBER OF OUTPUTS CONDUCTING
SIMULTANEOUSLY
N – Number of Outputs Conducting Simultaneously
MAXIMUM PEAK DRAIN CURRENT
OF EACH OUTPUT
vs
NUMBER OF OUTPUTS CONDUCTING
SIMULTANEOUSLY
N – Number of Outputs Conducting Simultaneously
0
12
3
4
5
6
7
8
0.15
0.05
0.4
0
12
3
4
5
0.3
0.2
0.35
0.5
67
8
0.45
0.25
0.1
VCC = 5 V
TC = 25°C
TC = 100°C
TC = 125°C
0.45
0.4
0.35
0.3
0.25
0.2
0.15
0.1
0.05
VCC = 5 V
TC = 25°C
d = tw/tperiod
= 1 ms/tperiod
d = 10%
d = 20%
d = 50%
d = 80%
Figure 9
Figure 10


Podobny numer części - TPIC6B273DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPIC6B273DW TI-TPIC6B273DW Datasheet
130Kb / 9P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
More results

Podobny opis - TPIC6B273DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SL Power Electronics
GPM55 SLPOWER-GPM55 Datasheet
91Kb / 2P
   55 Watts Maximum Continuous Power - Total of all Outputs.
logo
STMicroelectronics
LDLN015 STMICROELECTRONICS-LDLN015 Datasheet
1Mb / 18P
   150 mA guaranteed output current
January 2015 Rev 3
LD39115J STMICROELECTRONICS-LD39115J Datasheet
429Kb / 21P
   150 mA guaranteed output current
January 2014 Rev 6
logo
Infineon Technologies A...
TLE94108ES INFINEON-TLE94108ES Datasheet
1Mb / 76P
   Eight half bridge power outputs
Data Sheet 1.0 2020-09-29
logo
Texas Instruments
LP3996-Q1 TI1-LP3996-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996-Q1 TI1-LP3996-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
logo
List of Unclassifed Man...
SM6525 ETC1-SM6525 Datasheet
27Kb / 1P
   25 mA - 150 mA Forward Current 70 ns Recovery Time
logo
Texas Instruments
LP3996 TI-LP3996_15 Datasheet
1Mb / 22P
[Old version datasheet]   LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996 TI1-LP3996 Datasheet
1Mb / 22P
[Old version datasheet]   LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
logo
ON Semiconductor
NCP4684EMX33TCG ONSEMI-NCP4684EMX33TCG Datasheet
336Kb / 18P
   150 mA, Ultra Low Quiescent Current, Low
February, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com