Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAT54HT1G Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części BAT54HT1G
Szczegółowy opis  Schottky Barrier Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BAT54HT1G Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  BAT54HT1G Datasheet HTML 1Page - Fairchild Semiconductor BAT54HT1G Datasheet HTML 2Page - Fairchild Semiconductor BAT54HT1G Datasheet HTML 3Page - Fairchild Semiconductor BAT54HT1G Datasheet HTML 4Page - Fairchild Semiconductor BAT54HT1G Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BAT54HT1G Rev. 1.2.0
2
Thermal Characteristics
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
Symbol
Parameter
Value
Units
PD
Power Dissipation
200
mW
RθJA
Thermal Resistance, Junction to Ambient
600
°C/W
Symbol
Parameter
Test Conditions
Min.
Max.
Units
VR
Breakdown Voltage
IR = 10 μA30
V
VF
Forward Voltage
IF = 0.1 mA
240
mV
IF = 1.0 mA
320
mV
IF = 10 mA
400
mV
IF = 30 mA
500
mV
IF = 100 mA
0.8
V
IR
Reverse Leakage
VR = 25 V
2.0
μA
CT
Total Capacitance
VR = 1 V, f = 1.0 MHz
10
pF
trr
Reverse Recovery Time
IF = IR = 10 mA, IRR = 1.0 mA,
RL = 100 Ω
5.0
ns


Podobny numer części - BAT54HT1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
BAT54HT1G ONSEMI-BAT54HT1G Datasheet
46Kb / 4P
   Schottky Barrier Diodes
October, 2005 ??Rev. 3
logo
Fairchild Semiconductor
BAT54HT1G FAIRCHILD-BAT54HT1G Datasheet
106Kb / 4P
   Small Signal Diode
logo
ON Semiconductor
BAT54HT1G ONSEMI-BAT54HT1G Datasheet
119Kb / 4P
   Schottky Barrier Diodes
November, 2011 ??Rev. 6
logo
SUNMATE electronic Co.,...
BAT54HT1G SUNMATE-BAT54HT1G Datasheet
318Kb / 2P
   200mA Surface Mount Schottky Barrier Diode
logo
ON Semiconductor
BAT54HT1G ONSEMI-BAT54HT1G Datasheet
56Kb / 4P
   Schottky Barrier Diodes
December, 2014 ??Rev. 7
More results

Podobny opis - BAT54HT1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
   Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
   SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
   Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
TRANSYS Electronics Lim...
RB420D TEL-RB420D Datasheet
72Kb / 1P
   Schottky barrier Diodes
RB520S-30 TEL-RB520S-30 Datasheet
90Kb / 2P
   Schottky barrier Diodes
RB521S-30 TEL-RB521S-30 Datasheet
88Kb / 2P
   Schottky barrier Diodes
RB751G-40 TEL-RB751G-40 Datasheet
99Kb / 2P
   Schottky barrier Diodes
logo
E-Tech Electronics LTD
BAT54RCLT1 ETL-BAT54RCLT1 Datasheet
78Kb / 1P
   Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com