Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FCD5N60_F085 Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części FCD5N60_F085
Szczegółowy opis  Automotive DC/DC Converter for HEV
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCD5N60_F085 Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  FCD5N60_F085 Datasheet HTML 1Page - Fairchild Semiconductor FCD5N60_F085 Datasheet HTML 2Page - Fairchild Semiconductor FCD5N60_F085 Datasheet HTML 3Page - Fairchild Semiconductor FCD5N60_F085 Datasheet HTML 4Page - Fairchild Semiconductor FCD5N60_F085 Datasheet HTML 5Page - Fairchild Semiconductor FCD5N60_F085 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
©2015 Fairchild Semiconductor Corporation
FCD5N60_F085 Rev. 1.0
www.fairchildsemi.com
5
Figure 11.
56789
10
0
1
2
3
4
5
6
ID = 4.6A
PULSE DURATION = 80μs
DUTY CYCLE = 0.5% MAX
VGS, GATE TO SOURCE VOLTAGE (V)
TJ = 25oC
TJ = 150oC
RDSON vs. Gate Voltage
Figure 12. Normalized RDSON vs. Junction
Temperature
-80
-40
0
40
80
120
160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
PULSE DURATION = 80μs
DUTY CYCLE = 0.5% MAX
ID = 4.6A
VGS = 10V
TJ, JUNCTION TEMPERATURE(oC)
Figure 13.
-80
-40
0
40
80
120
160
0.4
0.6
0.8
1.0
1.2
1.4
VGS = VDS
ID = 250μA
TJ, JUNCTION TEMPERATURE(oC)
Normalized Gate Threshold Voltage vs.
Temperature
Figure 14.
-80
-40
0
40
80
120
160
0.8
0.9
1.0
1.1
1.2
ID = 1mA
TJ, JUNCTION TEMPERATURE (oC)
Normalized Drain to Source
Breakdown Voltage vs. Junction Temperature
Figure 15.
0.1
1
10
100
1000
1
10
100
1000
10000
f = 1MHz
VGS = 0V
Crss
Coss
Ciss
VDS, DRAIN TO SOURCE VOLTAGE (V)
Capacitance vs. Drain to Source
Voltage
Figure 16.
Typical Characteristics


Podobny numer części - FCD5N60_F085

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FCD5N60TF FAIRCHILD-FCD5N60TF Datasheet
947Kb / 9P
   600V N-Channel MOSFET
More results

Podobny opis - FCD5N60_F085

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FTCO3V85A1 ONSEMI-FTCO3V85A1 Datasheet
537Kb / 15P
   3-Phase Automotive Power Module for DC-DC Converter
February, 2019 ??Rev. 4
logo
Texas Instruments
LM53625-Q1 TI1-LM53625-Q1 Datasheet
102Kb / 7P
[Old version datasheet]   Automotive Step Down DC-DC Converter
LM53600-Q1 TI1-LM53600-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Automotive Step Down DC-DC Converter
logo
Sanyo Semicon Device
2SJ637 SANYO-2SJ637 Datasheet
57Kb / 4P
   DC/DC FOR CONVERTER
logo
Dialog Semiconductor
DA9131-A DIALOG-DA9131-A Datasheet
1Mb / 56P
   High-Performance, Dual-Channel DC-DC Converter for Automotive Applications
DA9132-A DIALOG-DA9132-A Datasheet
1Mb / 56P
   High-Performance, Dual-Channel DC-DC Converter for Automotive Applications
logo
Renesas Technology Corp
DA9131-A RENESAS-DA9131-A Datasheet
986Kb / 57P
   High-Performance, Dual-Channel DC-DC Converter for Automotive Applications
25-May-2022
DA9132-A RENESAS-DA9132-A Datasheet
1,015Kb / 58P
   High-Performance, Dual-Channel DC-DC Converter for Automotive Applications
25-May-2022
logo
Maxim Integrated Produc...
MAX20037EVKIT MAXIM-MAX20037EVKIT Datasheet
111Kb / 2P
   automotive highcurrent step-down DC-DC converter
logo
Rohm
BP5319 ROHM-BP5319 Datasheet
62Kb / 6P
   DC/DC converter for LCDs
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com