Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDD6N50TM_F085 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FDD6N50TM_F085
Szczegółowy opis  Improved dv/dt capability
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6N50TM_F085 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FDD6N50TM_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDD6N50TM_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDD6N50TM_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDD6N50TM_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDD6N50TM_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDD6N50TM_F085 Datasheet HTML 6Page - Fairchild Semiconductor FDD6N50TM_F085 Datasheet HTML 7Page - Fairchild Semiconductor FDD6N50TM_F085 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
246
8
10
10
-2
10
-1
10
0
10
1
Note
1. V
DS = 40V
2. 250レs Pulse Test
-55∩
150∩
25∩
V
GS , Gate-Source Voltage [V]
0
102030
4050
0
5
10
15
20
V
GS
Top :
10.0 V
8.0V
7.5 V
7.0 V
6.5 V
6.0 V
5.5 V
Bottom : 5.0 V
Notes :
1. 250レs Pulse Test
2. T
C = 25∩
V
DS, Drain-Source Voltage [V]
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
2.5
V
GS = 20V
V
GS = 10V
Note : T
J = 25∩
I
D, Drain Current [A]
0.20.4
0.60.8
1.01.21.4
1.61.8
10
-1
10
0
10
1
25∩
150∩
Notes :
1. V
GS = 0V
2. 250レs Pulse Test
V
SD , Source-Drain Voltage [V]
10
0
10
1
10
100
1000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
05
10
15
0
2
4
6
8
10
12
V
DS = 250V
V
DS = 100V
V
DS = 400V
Note : I
D = 6A
Q
G, Total Gate Charge [nC]
3
www.fairchildsemi.com
FDD6N50TM_F085 R
ev. C1


Podobny numer części - FDD6N50TM_F085

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD6N50TM-WS FAIRCHILD-FDD6N50TM-WS Datasheet
463Kb / 9P
   N-Channel UniFETTM MOSFET500 V, 6 A, 900 m廓
FDD6N50TMF085 FAIRCHILD-FDD6N50TMF085 Datasheet
463Kb / 9P
   N-Channel UniFETTM MOSFET500 V, 6 A, 900 m廓
FDD6N50TM FAIRCHILD-FDD6N50TM_10 Datasheet
946Kb / 8P
   500V N-Channel MOSFET
More results

Podobny opis - FDD6N50TM_F085

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kersemi Electronic Co.,...
KSM4P25 KERSEMI-KSM4P25 Datasheet
1Mb / 7P
   Improved dv/dt capability
logo
First Silicon Co., Ltd
FTK3908Z FS-FTK3908Z Datasheet
1Mb / 5P
   Improved dv/dt capability
logo
Bruckewell Technology L...
MS75N075 BWTECH-MS75N075 Datasheet
441Kb / 4P
   Improved dv/dt Capability, High Ruggedness
MS85N06 BWTECH-MS85N06 Datasheet
725Kb / 3P
   Improved dv/dt Capability, High Ruggedness
logo
Leshan Radio Company
LN7462DT1WG LRC-LN7462DT1WG Datasheet
574Kb / 5P
   60V N-Channel MOSFET Improved dv/dt capability
LN7460DT1WG LRC-LN7460DT1WG Datasheet
606Kb / 5P
   60V N-Channel MOSFET Improved dv/dt capability
LN7462ADT1WG LRC-LN7462ADT1WG Datasheet
678Kb / 5P
   60V N-Channel MOSFET Improved dv/dt capability
LN7612HDT1WG LRC-LN7612HDT1WG Datasheet
617Kb / 5P
   100V N-Channel MOSFET Improved dv/dt capability
LNB8512DT0AG LRC-LNB8512DT0AG Datasheet
577Kb / 5P
   60V N-Channel MOSFET Improved dv/dt capability
S-LN7462ADT1WG LRC-S-LN7462ADT1WG Datasheet
494Kb / 5P
   60V N-Channel MOSFET Improved dv/dt capability
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com