Zakładka z wyszukiwarką danych komponentów |
|
ADLQM87HD Arkusz danych(PDF) 1 Page - ADL Embedded Solutions |
|
ADLQM87HD Arkusz danych(HTML) 1 Page - ADL Embedded Solutions |
1 / 2 page 3.5-inch SBC Data subject to change without notice . ADL Embedded Solutions GmbH, Eiserfelder Straße 316 D-57080 Siegen, ADL Embedded Solutions Inc., 4411 Morena Blvd., Suite 101 Germany P. +49 (0) 271 250 810 0 F. +49 (0) 271 250 810 20 San Diego, CA 92117-4345 P. +1 858 490-0597 F. +1 858 490-0599 e-mail: sales@adl-europe.com; web: www.adl-europe.com e-mail: sales@adl-usa.com; web: www.adl-usa.com ADLQM87HD - 4th Generation Intel® Core™ Quad/DC i5/i7 Item Code Part # Description ADLQM87HD-i7-4700EQ 294756 4th Generation Intel Core i7 2.4GHz 4C, 6M, 47W ADLQM87HD-i5-4400E 294758 4th Generation Intel Core i5 2.7GHz 2C, 3M, 37W Memory DDR3L-DRAM4096-1600 997600 DDR3L-1600MHz 4GB Standard Temperature DDR3L-DRAM8192-1600 997601 DDR3L-1600MHz 8GB Standard Temperature DDR3L-DRAM4096-1600-EX 997602 DDR3L-1600MHz 4GB Extended Temperature DDR3L-DRAM8192-1600-EX 997604 DDR3L-1600MHz 8GB Standard Temperature Other memory options available Options and Accessories ADL-ET 290000 Extended Temp Screen (-40º to +85º C) ADLQM87HD-CK 294875 Standard Cable kit for ADLQM87HD ADLCOM-ISOL1 299941 Galvanically Isolated RS232 COM ADLCOM-ISOL2 299942 Galvanically Isolated RS485 COM Thermal Solutions ADLQM87HD-SPREADER 294863 Chassis / Bulkhead mount heat spreader for ADLQM87HD For Quad and Dual Core Variants. ADL35-BBHS 294152 Large Heatsink for bench testing; requires ADL35-LFAN ADL35-LFAN 294154 Large Fan for ADL35-BBHS ADL35-SOSET 294156 Stand-Off Set for ADL35-BBHS, M3, 6mm, 37mm Description The ADLQM87HD features Intel's 4th generation Intel Core™ processors with Intel’s latest HD Graphics 4600 engine with support for DirectX11.1, OpenGL 4.0, and OpenCL 1.2. The new Haswell Architecture built on Intel’s low-power 22nm tri-gate process incorporates a new AVX2 instruction set, more instructions per cycle, deeper idle states, more execution units, higher cache bandwidth, and smarter power man- agement with the end result being a significant performance increase with much lower power than the previous Sandy Bridge architecture. The ADLQM87HD is ideal for mobile and embedded applications where high proces- sor performance with low battery or power usage is critical. It brings unparalleled performance to applications such as radar and sonar processing, image signal pro- cessing, tactical command and control, surveillance and reconnaissance, medical imaging and lab analysis, and industrial automation. In addition to the wide range of applications in which the ADLQM87HD can excel, it also supports a broad set of features. The ADLQM87HD introduces TPM 1.2 and USB 3.0 functionality into ADLES’ 3.5” SBC product line for the first time . Onboard connectors support both DVI/VGA as well as HDMI/DP. The ADLQM87HD also has 3x RS232 COM ports, 4x SATA 6Gb/s with RAID 0, 1, 5 and 10 support. It also includes 8x USB2.0, 3x USB 3.0, two bootable Gigabit Ethernet LAN ports, HDA 7.1, and a 2x40-pin PCIE expansion connector with four PCIe x1 lanes or one PCIe x4 lane for additional breakout or mezzanine board functionality. NEW! ADLSST System Sensor Technology Utility The ADLSST System Sensor Technology v2.0 utility brings to the Linux environment the same type of CPU health monitor functions that have previously been readily available only in the Windows environment. Click here to download the drivers. ADL Embedded Solutions offers highly effective active and passive thermal solutions designed for this product. Contact your sales representative for more information. Features 4th Generation Intel® Core™ Quad i7-4700EQ; DC i5-4400E PCH Lynx Point QM87 Chipset Up to 16GB DDR3L-1600; 2x SO-DIMM 204, 1.35V PCIe 2.0 2x40 pin Bus Connector (1x PCIe x4 or 4x PCIe x1) 4x SATA, RAID 0/1/5/10 (2x SATA 6Gb/s, 2x SATA 3Gb/s) 2x 10/100/1000Mbit Ethernet LAN Port 8x USB 2.0: 2x Type A Receptacle, 6x 2mm Pin Header 3x USB 3.0: 2x Type A Receptacle, 1x on Custom I-PEX Connector Display Ports: 1x DVI-I Standard Connector, 1x HDMI / DP on Cus- tom I-PEX Connector Mini PCI Type III Expansion Socket 3x COM; RS232 Only TPM (Trusted Platform Module) V1.2 (ATMEL AT97SC3205) Windows 7, Windows 8, Windows 10, Linux Compatible Discrete 8-bit GPIO Port 7.1 HD Audio with SPDIF In/Out 4” x 5.8” (102mm x 147mm) 3.5-inch Form Factor Ordering Information |
Podobny numer części - ADLQM87HD |
|
Podobny opis - ADLQM87HD |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |