Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

V23818-K305-L17 Arkusz danych(PDF) 4 Page - Infineon Technologies AG

Numer części V23818-K305-L17
Szczegółowy opis  Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC??Connector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23818-K305-L17 Arkusz danych(HTML) 4 Page - Infineon Technologies AG

  V23818-K305-L17 Datasheet HTML 1Page - Infineon Technologies AG V23818-K305-L17 Datasheet HTML 2Page - Infineon Technologies AG V23818-K305-L17 Datasheet HTML 3Page - Infineon Technologies AG V23818-K305-L17 Datasheet HTML 4Page - Infineon Technologies AG V23818-K305-L17 Datasheet HTML 5Page - Infineon Technologies AG V23818-K305-L17 Datasheet HTML 6Page - Infineon Technologies AG V23818-K305-L17 Datasheet HTML 7Page - Infineon Technologies AG V23818-K305-L17 Datasheet HTML 8Page - Infineon Technologies AG V23818-K305-L17 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
V23818-K305-Lxx
Description
Data Sheet
4
2003-01-22
Description
The Infineon Gigabit Ethernet multimode transceiver – part of Infineon Small Form
Factor transceiver family – is based on and compliant to the Physical Medium Depend
(PMD) sublayer and baseband medium, type 1000-Base-SX (short wavelength) as
specified in IEEE 802.3 and Fibre Channel FC-PI Rev. 13 100-M5-SN-I, 100-M6-SN-I.
The appropriate fiber optic cable is 62.5 µm or 50 µm multimode fiber with LC™
connector.
The Infineon Gigabit Ethernet multimode transceiver is a single unit comprised of a
transmitter, a receiver, and an LC™ receptacle. This design frees the customer from
many alignment and PC board layout concerns.
This transceiver supports the LC™ connectorization concept. It is compatible with RJ-45
style backpanels for high end Data Com and Telecom applications while providing the
advantages of fiber optic technology.
The module is designed for low cost SAN, LAN, WAN, Fibre Channel and Gigabit
Ethernet applications. It can be used as the network end device interface in mainframes,
workstations, servers, and storage devices, and in a broad range of network devices
such as bridges, routers, hubs, and local and wide area switches.
This transceiver operates at 1.0625 and 1.25 Gbit/s from a single power supply (+3.3 V).
The full differential data inputs and outputs are LVPECL compatible.
Operating Range over each Optical Fiber Type
Fiber Type
Limit Values
Unit
min.
typ.
max.
62.5 micron MMF
0.5
2 to 300
400
meters
50.0 micron MMF
0.5
2 to 550
700


Podobny numer części - V23818-K305-L17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
V23818-K305-L56 INFINEON-V23818-K305-L56 Datasheet
232Kb / 6P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LC??Connector
2001
More results

Podobny opis - V23818-K305-L17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
V23818-K305-L56 INFINEON-V23818-K305-L56 Datasheet
232Kb / 6P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LC??Connector
2001
V23818-M305-L57 INFINEON-V23818-M305-L57 Datasheet
400Kb / 15P
   Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC??Connector
2002-03-21
V23818-K305-B57 INFINEON-V23818-K305-B57 Datasheet
1Mb / 19P
   SFP - Small Form-factor Pluggable Multimode 850 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23818-K15-L37 INFINEON-V23818-K15-L37 Datasheet
746Kb / 24P
   Small Form Factor Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5/2x10 Pinning with LC Connector
2003-03-21
V23838-M305-M56 INFINEON-V23838-M305-M56 Datasheet
619Kb / 21P
   SFP-Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
2004-06-23
V23826-K305-C INFINEON-V23826-K305-C Datasheet
1,012Kb / 9P
   Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
DECEMBER 2000
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5701L AVAGO-HFBR-5701L Datasheet
231Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd)
logo
Infineon Technologies A...
V23839-R35-L55 INFINEON-V23839-R35-L55 Datasheet
636Kb / 34P
   iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
2004-06-25
V23848-M305-C56 INFINEON-V23848-M305-C56 Datasheet
739Kb / 30P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC Connector
2004-06-23
V23818-M305-B57 INFINEON-V23818-M305-B57 Datasheet
1Mb / 19P
   SFP - Small Form-factor Pluggable Multimode 850 nm 2.125 and 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com