Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL-8A Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części TL-8A
Szczegółowy opis  HUBERSUHNER짰 DATA SHEET RF ASSEMBLIES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

TL-8A Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  TL-8A Datasheet HTML 1Page - List of Unclassifed Manufacturers TL-8A Datasheet HTML 2Page - List of Unclassifed Manufacturers TL-8A Datasheet HTML 3Page - List of Unclassifed Manufacturers TL-8A Datasheet HTML 4Page - List of Unclassifed Manufacturers TL-8A Datasheet HTML 5Page - List of Unclassifed Manufacturers TL-8A Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HUBER+SUHNER
® DATA SHEET RF ASSEMBLIES
Test Lead: TL-8A
Rev.: A
DS-TL-8A-11N-11N-01500-51
DOC-0000413919
Rev.: A
Description
Test Lead assembly for indoor applications (Test and Measurement) consisting of a high flexible PE foamed cable with
armouring protection and 2x N male straight connectors for frequency up to 8 GHz.
ID (Material/Item No.)
85006682
Description (Product)
TL-8A-11N-11N-01500-51
Product Configuration
Cable type
50
+/-1 , PE Foam double screen
Armour
Steel wire spring, steel braid, TPU blue, max. dia. 10.4 mm
Length of Assembly
1500 mm +/- 15 mm
Connector A
N Straight male, knurl / hex. 19 mm, Quick-Lock
Nut: steel; body: brass/SUCOPLATE®; Center Contact: Cu-Be/Gold
Connector B
N Straight male, knurl / hex. 19 mm, Quick-Lock
Nut: steel; body: brass/SUCOPLATE®; Center Contact: Cu-Be/Gold
Cable entry protection
PA, black
Technical Data
Mechanical Data
Mating cycle *)
> 3000
Bending Radius repeated (min.)
55 mm (preferred: 100 mm)
Tensile Force (max.)
200 N
Connector interface
IEC 61169-16 / MIL-STD-348A/304
Recom. mating torque **)
1.0 Nm
Weight
0.295 kg
Environmental Data
Operating Temperature
- 5°C to + 85°C
Storage Temperature
- 40°C to + 85°C
RoHS, REACH
compliant
Water protection***)
N-Connector without gasket on Interface
Electrical Data
Impedance
50
+/-1
Operating Frequency
up to 8 GHz
Velocity of propagation
82 %
Insulation resistance
> 5 x 10
3 M
Capacitance
82 pF / m
Time delay
4.3 ns / m
Dielectric withstand voltage
500 V rms
Frequency
1 GHz
2 GHz
3 GHz
4 GHz
6 GHz
8 GHz
Return Loss
equal or better
- 32 dB
- 29 dB
- 26 dB
- 26 dB
- 25 dB
- 22 dB
Attenuation (assembly)
typically, at 25°C
0.54 dB
0.80 dB
1.00 dB
1.16 dB
1.50 dB
1.84 dB
Power handling
sea level, at 40°C
150 W
105 W
80 W
75 W
62 W
50 W
Screening effectiveness
> 80 dB
> 76 dB
> 70 dB
> 65 dB
> 60 dB
> 50 dB
Insertion Loss stability ****)
< 0.02 dB
< 0.03 dB
< 0.04 dB
< 0.05 dB
< 0.08 dB
< 0.10 dB
Phase stability ****)
+/- 1.5° el.
+/- 2.5° el.
+/- 4° el.
+/- 5° el.
+/- 8° el.
+/- 10° el.
General Information
*)
Number of Mating
With use of torque wrench at recommended value, clean interface after each 20 matings,
mated with connector according IEC or MIL standard
**)
H+S torque wrench
H+S description: 74_Z-0-0-321 // material/item number: 22651994
***)
Waterproof
with gasket: IP 67
****) Stability test
One, 180° revers bends, 75 mm radius mandrel
HUBER+SUHNER is certified according to ISO 9001 and ISO 14001
HUBER+SUHNER AG
RF Technology
9100 Herisau, Switzerland
Phone +41 (0)71 353 41 11
Fax
+41 (0)71 353 45 90
www.hubersuhner.com
WAIVER!
It is exclusively in written agreements that we provide our customers with warrants and
representations as to the technical specifications and/or the fitness for any particular purpose. The
facts and figures contained herein are carefully compiled to the best of our knowledge, but they are
intended for general informational purposes only.
HUBER+SUHNER – Excellence in Connectivity Solutions


Podobny numer części - TL-8A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Huber+Suhner, Inc.
TL-8A-11N-11N-02000-51 HUBERSUHNER-TL-8A-11N-11N-02000-51 Datasheet
4Mb / 2P
   MICROWAVE TEST ASSEMBLIES, N (male), N (male), 50 Ohm, 8 GHz, 2000mm
TL-8A-11N-11N-03000-51 HUBERSUHNER-TL-8A-11N-11N-03000-51 Datasheet
4Mb / 2P
   MICROWAVE TEST ASSEMBLIES, N (male), N (male), 50 Ohm, 8 GHz, 3000mm
TL-8A-11N-11SMA-00600-51 HUBERSUHNER-TL-8A-11N-11SMA-00600-51 Datasheet
4Mb / 2P
   MICROWAVE TEST ASSEMBLIES, N (male), SMA (male), 50 Ohm, 8 GHz, 600mm
TL-8A-11N-21N-01500-51 HUBERSUHNER-TL-8A-11N-21N-01500-51 Datasheet
4Mb / 2P
   MICROWAVE TEST ASSEMBLIES, N (male), N (female), 50 Ohm, 8 GHz, 1500mm
TL-8A-11N-21N-02000-51 HUBERSUHNER-TL-8A-11N-21N-02000-51 Datasheet
4Mb / 2P
   MICROWAVE TEST ASSEMBLIES, N (male), N (female), 50 Ohm, 8 GHz, 2000mm
More results

Podobny opis - TL-8A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE3C4465-48 PASTERNACK-PE3C4465-48 Datasheet
449Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4481-6 PASTERNACK-PE3C4481-6 Datasheet
462Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4485-24 PASTERNACK-PE3C4485-24 Datasheet
465Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4488 PASTERNACK-PE3C4488 Datasheet
465Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4488-6 PASTERNACK-PE3C4488-6 Datasheet
466Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3CA1037-24 PASTERNACK-PE3CA1037-24 Datasheet
473Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1038-12 PASTERNACK-PE3CA1038-12 Datasheet
470Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1039-50CM PASTERNACK-PE3CA1039-50CM Datasheet
472Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1041-50CM PASTERNACK-PE3CA1041-50CM Datasheet
485Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1042-100CM PASTERNACK-PE3CA1042-100CM Datasheet
480Kb / 6P
   RF Cable Assemblies Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com