Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2005D1 Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA2005D1
Szczegółowy opis  MONO Filter-Free Class-D Audio Power Amplifier
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2005D1 Arkusz danych(HTML) 3 Page - Texas Instruments

  TPA2005D1 Datasheet HTML 1Page - Texas Instruments TPA2005D1 Datasheet HTML 2Page - Texas Instruments TPA2005D1 Datasheet HTML 3Page - Texas Instruments TPA2005D1 Datasheet HTML 4Page - Texas Instruments TPA2005D1 Datasheet HTML 5Page - Texas Instruments TPA2005D1 Datasheet HTML 6Page - Texas Instruments TPA2005D1 Datasheet HTML 7Page - Texas Instruments TPA2005D1 Datasheet HTML 8Page - Texas Instruments TPA2005D1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
8
SHUTDOWN
NC
IN+
IN−
VO−
GND
VDD
VO+
7
6
5
1
2
3
4
NC − No internal connection
VO−
GND
VDD
VO+
8
7
6
5
1
2
3
4
SHUTDOWN
NC
IN+
IN−
(A1)
(B1)
(A4)
(C4)
(D4)
NC
VDD
SHUTDOWN
IN+
IN−
VO−
VDD
VO+
(C1)
(D1)
(B4)
GND
SHUTDOWN
TPA2005D1
www.ti.com
SLOS369G – JULY 2002 – REVISED OCTOBER 2015
5 Device Comparison Table
DEVICE
SPEAKER
SPEAKER AMP
OUTPUT POWER
PSRR (dB)
SUPPLY MIN (V)
SUPPLY MAX (V)
PACKAGE
NUMBER
CHANNELS
TYPE
(W)
FAMILY
BGA MICROSTAR
JUNIOR
TPA2005D1
Mono
Class D
1.4
75
2.5
5.5
HVSSOP
VSON
TPA2006D1
Mono
Class D
1.45
75
2.5
5.5
VSON
6 Pin Configuration and Functions
GQY and ZQY Packages
DRB Package
DGN Package
15-Pin MicroStar Junior™
8-Pin VSON
8-Pin HVSSOP
Top and Side Views
Top View
Top View
A.
The shaded terminals are used for electrical and thermal connections to the ground plane. All the shaded terminals
need to be electrically connected to ground. No connect (NC) terminals still need a pad and trace.
B.
The thermal pad of the DRB and DGN packages must be electrically and thermally connected to a ground plane.
Pin Functions
PIN
I/O
DESCRIPTION
NAME
GQY, ZQY
DRB, DGN
A2, A3, B3, C2, C3,
GND
7
I
High-current ground
D2, D3
IN-
D1
4
I
Negative differential input
IN+
C1
3
I
Positive differential input
NC
B1
2
No internal connection
SHUTDOWN
A1
1
I
Shutdown terminal (active low logic)
Thermal Pad
Must be soldered to a grounded pad on the PCB.
VDD
B4, C4
6
I
Power supply
VO-
A4
8
O
Negative BTL output
VO+
D4
5
O
Positive BTL output
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPA2005D1


Podobny numer części - TPA2005D1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI1-TPA2005D1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DGN TI-TPA2005D1DGN Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA2005D1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2006D1 TI1-TPA2006D1 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2005D1-Q1 TI1-TPA2005D1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1 TI1-TPA2011D1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
logo
Skyworks Solutions Inc.
AAT5101 SKYWORKS-AAT5101 Datasheet
1Mb / 15P
   2.5W Mono Filter-Free Class D Audio Power Amplifier
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
logo
AiT Semiconductor Inc.
A2327 AITSEMI-A2327 Datasheet
901Kb / 12P
   AUDIO AMPLIFIER 2.6W MONO FILTER-FREE CLASS-D
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com